Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-18204 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T-18204
Description  10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T-18204 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T-18204 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
1 OF 1
10/31/01
T-18204
www.rhombus-ind.com
10/100 BASE-T SINGLE PORT SURFACE MOUNT
MAGNETICS
Tape and Reel available.
Designed for reflow soldering at temperatures
up to 235oC
Operating Temperature Range: -400C to +850C
Meets all IEE 802.3 and ANSI X3.263 standards
including 350
µH OCL with 8 mA bias
Isolation 1500 V
RMS.
Dimensions in inches (mm)
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
16
15
14
1
2
3
11
10
9
6
7
8
9
12
16
15
7
15
13
10
4
28
3
14
11
6
Pin Out
SCHEMATIC
Electrical Specifications at 25o C
CMR
Crosstalk
Insertion Loss
Return Loss
Cw/w
L
L
DCR
Part
(dB typ.)
(dB min)
(dB min)
(dB min)
max.
max.
max.
Number
(0.1-100MHz) (0.1-100MHz) (0.1-100MHz) 0.5-30MHz
40MHz
50MHz 60-80MHz (pF)
(
µH)
(
Ω )
T-18204
-40
-40
-1.1
-18
-15.5
-13.6
-12
15
0.4
1.5
Turns
Ratio
1CT:1CT \
1CT:1CT


Similar Part No. - T-18204

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-18204 RHOMBUS-IND-T-18204 Datasheet
21Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results

Similar Description - T-18204

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-18204 RHOMBUS-IND-T-18204 Datasheet
21Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Micro Electronics
UT12002 MICRO-ELECTRONICS-UT12002 Datasheet
24Kb / 1P
   10/100 BASE T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Rhombus Industries Inc.
T-17200 RHOMBUS-IND-T-17200 Datasheet
20Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Bothhand USA, LP.
12ST6121C BOTHHAND-12ST6121C Datasheet
67Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Rhombus Industries Inc.
T-18205 RHOMBUS-IND-T-18205 Datasheet
21Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
T-17204 RHOMBUS-IND-T-17204 Datasheet
25Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
T-17207 RHOMBUS-IND-T-17207 Datasheet
25Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
T-17209 RHOMBUS-IND-T-17209 Datasheet
25Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Bothhand USA, LP.
TS6125A BOTHHAND-TS6125A Datasheet
262Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
TS6125 BOTHHAND-TS6125 Datasheet
257Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com