Electronic Components Datasheet Search |
|
2N5545JANTXV Datasheet(PDF) 3 Page - Vishay Siliconix |
|
2N5545JANTXV Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page 2N5545/46/47/JANTX/JANTXV Vishay Siliconix Document Number: 70253 S-04031—Rev. C, 04-Jun-01 www.vishay.com 8-3 TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED) 5 0 –5 –4 –3 –2 –1 4 2 1 0 030 20 10 40 50 3 2.6 2.2 1 3 Drain Current and Transconductance vs. Gate-Source Cutoff Voltage Gate Leakage Current VGS(off) – Gate-Source Cutoff Voltage (V) VDG – Drain-Gate Voltage (V) 0.1 pA 10 pA 1 pA IDSS @ VDS = 15 V, VGS = 0 V gfs @ VDG = 15 V, VGS = 0 V f = 1 kHz gfs IDSS IGSS @ 125 _C IGSS @ 25 _C TA = 125_C TA = 25_C 200 mA 100 pA 1 nA 10 nA 100 nA 5 012 16 8 420 4 3 2 1 0 Output Characteristics Output Characteristics VDS – Drain-Source Voltage (V) VDS – Drain-Source Voltage (V) –0.2 V –0.4 V –0.6 V –0.3 V –0.9 V –0.6 V –2.1 V –1.5 V –0.8 V –1.0 V –1.2 V –1.2 V –1.8 V VGS(off) = –2 V VGS = 0 V 5 4 3 2 1 0 012 16 8 420 VGS = 0 V VGS(off) = –3 V 2 1.6 1.2 0.8 0.4 0 Output Characteristics Output Characteristics VDS – Drain-Source Voltage (V) VDS – Drain-Source Voltage (V) –0.2 V –0.4 V –0.6 V –0.8 V –1.0 V –1.2 V –1.4 V VGS(off) = –2 V VGS = 0 V 2.5 2.0 1.5 1.0 0.5 0 0 0.6 0.8 0.4 0.2 1 VGS = 0 V VGS(off) = –3 V –0.3 V –0.9 V –0.6 V –2.1 V –1.5 V –1.2 V –2.4 V –1.8 V 1.8 1.4 50 mA IG @ ID = 200 mA –1.6 V –1.4 V 0 0.6 0.8 0.4 0.2 1 –2.4 V 50 mA |
Similar Part No. - 2N5545JANTXV |
|
Similar Description - 2N5545JANTXV |