Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC-5A31 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TMC-5A31
Description  High Speed VCSEL TO-46 metal can
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMC-5A31 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TMC-5A31 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMC-5A31 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMC-5A31 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
New
TrueLight reserves the right to
3
make changes due to the improvement
of process and package technology.
TMC-5A31
OUTLINE DIMENSIONS:
• Unit: mm
• PINOUT:
TMC-5A31-801
TMC-5A31-802
TMC-5A31-803
Pin 1: VCSEL Anode
Pin 1: VCSEL Cathode
Pin 1: VCSEL Anode
Pin 2: VCSEL Cathode
Pin 2: VCSEL Anode
Pin 2: VCSEL Cathode
PD Anode
PD Cathode
PD Cathode
Case
Case
Case
Pin 3: PD Cathode
Pin 3: PD Anode
Pin 3: PD Anode


Similar Part No. - TMC-5A31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC-5770 ETC2-TMC-5770 Datasheet
237Kb / 1P
   Touch Screen Controller
TMC-5B21 ETC-TMC-5B21 Datasheet
111Kb / 2P
   High speed VCSEL TO-46 metal can
TMC-5F31-801 ETC-TMC-5F31-801 Datasheet
144Kb / 3P
   High speed VCSEL TO-46 metal can
TMC-5F31-802 ETC-TMC-5F31-802 Datasheet
144Kb / 3P
   High speed VCSEL TO-46 metal can
TMC-5F31-803 ETC-TMC-5F31-803 Datasheet
144Kb / 3P
   High speed VCSEL TO-46 metal can
More results

Similar Description - TMC-5A31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC-5F40 ETC1-TMC-5F40 Datasheet
137Kb / 2P
   High speed VCSEL TO-46 metal can
TMC-5B21 ETC-TMC-5B21 Datasheet
111Kb / 2P
   High speed VCSEL TO-46 metal can
TMC-5F31-XXX ETC-TMC-5F31-XXX Datasheet
144Kb / 3P
   High speed VCSEL TO-46 metal can
TMC-4F28 ETC-TMC-4F28 Datasheet
122Kb / 2P
   High power VCSEL TO-46 metal can for general purpose
TMC-4F30 ETC1-TMC-4F30 Datasheet
144Kb / 3P
   VCSEL TO-46 metal can for gener al purpose
TMC-4F20 ETC-TMC-4F20 Datasheet
121Kb / 2P
   VCSEL TO-46 metal can for gener al purpose
TMC-4B28 ETC1-TMC-4B28 Datasheet
120Kb / 2P
   High power VCSEL TO-46 metal for general purpose
logo
Finisar Corporation.
HFE4080-321 FINISAR-HFE4080-321 Datasheet
226Kb / 6P
   1.25Gbps 850nm VCSEL, TO-46
HFE4083-322 FINISAR-HFE4083-322 Datasheet
119Kb / 6P
   1.25Gbps VCSEL Component, TO-46
logo
KODENSHI_AUK CORP.
KVH-4685EAAN KODENSHI-KVH-4685EAAN Datasheet
113Kb / 2P
   High Power TO-46 VCSEL for KVH-4685EAAN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com