Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C201 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 1 Page - SMSC Corporation

  USB97C201 Datasheet HTML 1Page - SMSC Corporation USB97C201 Datasheet HTML 2Page - SMSC Corporation USB97C201 Datasheet HTML 3Page - SMSC Corporation USB97C201 Datasheet HTML 4Page - SMSC Corporation USB97C201 Datasheet HTML 5Page - SMSC Corporation USB97C201 Datasheet HTML 6Page - SMSC Corporation USB97C201 Datasheet HTML 7Page - SMSC Corporation USB97C201 Datasheet HTML 8Page - SMSC Corporation USB97C201 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
SMSC DS – USB97C201
Page 1
Rev. 03/25/2002
PRELIMINARY
USB97C201
Rev 1.5
USB 2.0 ATA/ ATAPI Controller
FEATURES
2.5 Volt, Low Power Core Operation
3.3 Volt I/O with 5V input tolerance
Complete USB Specification 2.0 Compatibility
-
Includes USB 2.0 Transceiver
-
A
Bi-directional
Control,
a
Bi-directional
Interrupt, and a Bi-directional Bulk Endpoint
are provided.
Complete System Solution for interfacing ATA or
ATAPI devices to USB 2.0 bus
-
Supports
USB
Mass
Storage
Compliant
Bootable BIOS
-
Support for ATAPI Devices:
-
CD-ROM
-
CD-R
-
CD-RW
-
DVD
-
DVD/R/W
8051 8 bit microprocessor
-
Provides low speed control functions
-
30 Mhz execution speed at 4 cycles per
instruction average
-
768 Bytes of internal SRAM
for general
purpose scratchpad or program execution
while re-flashing external ROM
Double Buffered Bulk Endpoint
-
Bi-directional 512 Byte Buffer for Bulk
Endpoint
-
64 Byte RX Control Endpoint Buffer
-
64 Byte TX Control Endpoint Buffer
-
64 Byte TX Interrupt Endpoint Buffer
-
64 Byte RX Interrupt Endpoint Buffer
External Program Memory Interface
-
64K Byte Code Space
-
Flash, SRAM, or EPROM Memory
On Board 12Mhz Crystal Driver Circuit
Internal PLL for 480Mhz USB2.0 Sampling, 30Mhz
MCU clock, and 60Mhz ATA clock
Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used
8 GPIOs for special function use : LED indicators,
button inputs, etc.
-
Inputs capable of generating interrupts with
either edge sensitivity
-
One GPIO has automatic ½ sec toggle
capability for flashing an LED indicator.
100 Pin TQFP Package (14.0 x 14.0 mm footprint)
-
25% smaller body size than other 100 pin
TQFP Packages
100 Pin QFP Package
ORDERING INFORMATION
Order Numbers:
USB97C201-MN
for 100 pin TQFP package
USB97C201-MC
for 100 pin QFP package


Similar Part No. - USB97C201

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C201 SMSC-USB97C201 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C201-MC SMSC-USB97C201-MC Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C201-MN SMSC-USB97C201-MN Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
More results

Similar Description - USB97C201

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
   USB 2.0 to ATA/ATAPI Bridge Controller
logo
SMSC Corporation
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
   USB 2.0 ATA/ATAPI Controller with PD-DRM
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com