Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8PE002 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8PE002
Description  FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8PE002 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8PE002 Datasheet HTML 6Page - Zilog, Inc. Z8PE002 Datasheet HTML 7Page - Zilog, Inc. Z8PE002 Datasheet HTML 8Page - Zilog, Inc. Z8PE002 Datasheet HTML 9Page - Zilog, Inc. Z8PE002 Datasheet HTML 10Page - Zilog, Inc. Z8PE002 Datasheet HTML 11Page - Zilog, Inc. Z8PE002 Datasheet HTML 12Page - Zilog, Inc. Z8PE002 Datasheet HTML 13Page - Zilog, Inc. Z8PE002 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Z8PE002
Z8Plus OTP Microcontroller
ZiLOG
10
P R E L I M I N A R Y
DS008700-Z8X0799
DC ELECTRICAL CHARACTERISTICS
Table 5. DC Electrical Characteristics
TA = 0ºC to +70ºC
Standard Temperatures
Typical2
@ 25°C
Sym
Parameter
VCC
1
Min
Max
Units Conditions
Notes
VCH
Clock Input High
Voltage
3.0V
0.7VCC
VCC+0.3
1.3
V
Driven by External Clock
Generator
5.5V
0.7VCC
VCC+0.3
2.5
V
Driven by External Clock
Generator
VCL
Clock Input Low
Voltage
3.0V
VSS–0.3
0.2VCC
0.7
V
Driven by External Clock
Generator
5.5V
VSS–0.3
0.2VCC
1.5
V
Driven by External Clock
Generator
VIH
Input High Voltage
3.0V
0.7VCC
VCC+0.3
1.3
V
5.5V
0.7VCC
VCC+0.3
2.5
V
VIL
Input Low Voltage
3.0V
VSS–0.3
0.2VCC
0.7
V
5.5V
VSS–0.3
0.2VCC
1.5
V
VOH
Output High Voltage
3.0V
VCC–0.4
3.1
V
IOH = –2.0 mA
5.5V
VCC–0.4
4.8
V
IOH = –2.0 mA
VOL1
Output Low Voltage
3.0V
0.6
0.2
V
IOL = +4.0 mA
5.5V
0.4
0.1
V
IOL = +4.0 mA
VOL2
Output Low Voltage
3.0V
1.2
0.5
V
IOL = +6 mA
5.5V
1.2
0.5
V
IOL = +12 mA
VOFFSET Comparator Input
Offset Voltage
3.0V
25.0
10.0
mV
5.5V
25.0
10.0
mV
IIL
Input Leakage
3.0V
–1.0
2.0
0.064
µA
VIN = 0V, VCC
5.5V
–1.0
2.0
0.064
µA
VIN = 0V, VCC
IOL
Output Leakage
3.0V
–1.0
2.0
0.114
µA
VIN = 0V, VCC
5.5V
–1.0
2.0
0.114
µA
VIN = 0V, VCC
VICR
Comparator Input
Common Mode
Voltage Range
3.0V
VSS–0.3
VCC–1.0
V
3
5.5V
VSS–0.3
VCC–1.0
V
3
RPB5
PB5 Pull-up Resistor
3.0V
100
200
kOhm
4
5.5V
100
200
VLV
VCC Low-Voltage
Protection
2.45
2.85
2.60
V
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.0V; the VCC voltage specification of 5.5V guarantees 5.0V ±0.5V.
2. Typical values are measured at VCC = 3.3V and VCC = 5.0V; VSS = 0V = GND.
3. For the analog comparator input when the analog comparator is enabled.
4. No protection diode is provided from the pin to VCC. External protection is recommended.
5. All outputs are unloaded and all inputs are at the VCC or VSS level.
6. CL1 = CL2 = 22 pF.
7. Same as note 5, except inputs are at VCC.


Similar Part No. - Z8PE002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z8PE002PZ010SC ETC-Z8PE002PZ010SC Datasheet
69Kb / 1P
   electronics
Z8PE002SZ010SC ETC-Z8PE002SZ010SC Datasheet
69Kb / 1P
   electronics
More results

Similar Description - Z8PE002

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
   FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
298Kb / 22P
   One-Time Programmable (OTP) Speech Synthesizer
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
STMicroelectronics
ST27128AP STMICROELECTRONICS-ST27128AP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com