Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5551 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5551
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5551 Datasheet(HTML) 1 Page - ON Semiconductor

  2N5551 Datasheet HTML 1Page - ON Semiconductor 2N5551 Datasheet HTML 2Page - ON Semiconductor 2N5551 Datasheet HTML 3Page - ON Semiconductor 2N5551 Datasheet HTML 4Page - ON Semiconductor 2N5551 Datasheet HTML 5Page - ON Semiconductor 2N5551 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 3
1
Publication Order Number:
2N5550/D
2N5550, 2N5551
Preferred Device
Amplifier Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
Device Marking: Device Type, e.g., 2N5550, Date Code
MAXIMUM RATINGS
Rating
Symbol
2N5550
2N5551
Unit
Collector − Emitter Voltage
VCEO
140
160
Vdc
Collector − Base Voltage
VCBO
160
180
Vdc
Emitter − Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
TO−92
CASE 29
STYLE 1
1 2
3
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
55xx
Specific Device Code
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
2N
55xx
YWW


Similar Part No. - 2N5551

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
2N5551 HOTTECH-2N5551 Datasheet
185Kb / 2P
   Plastic-Encapsulate Transistors
logo
ON Semiconductor
2N5551 ONSEMI-2N5551 Datasheet
188Kb / 6P
   mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
Weitron Technology
2N5551 WEITRON-2N5551 Datasheet
171Kb / 4P
   NPN Transistors
logo
NXP Semiconductors
2N5551 NXP-2N5551 Datasheet
59Kb / 7P
   NPN high-voltage transistors
2004 Oct 28
logo
Tiger Electronic Co.,Lt...
2N5551 TGS-2N5551 Datasheet
51Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2N5551

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com