Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6038 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6038
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6038 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6038 Datasheet HTML 1Page - ON Semiconductor 2N6038 Datasheet HTML 2Page - ON Semiconductor 2N6038 Datasheet HTML 3Page - ON Semiconductor 2N6038 Datasheet HTML 4Page - ON Semiconductor 2N6038 Datasheet HTML 5Page - ON Semiconductor 2N6038 Datasheet HTML 6Page - ON Semiconductor 2N6038 Datasheet HTML 7Page - ON Semiconductor 2N6038 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Plastic Darlington
Complementary Silicon Power
Transistors
. . . designed for general–purpose amplifier and low–speed
switching applications.
High DC Current Gain —
hFE = 2000 (Typ) @ IC = 2.0 Adc
Collector–Emitter Sustaining Voltage — @ 100 mAdc
VCEO(sus) = 60 Vdc (Min) — 2N6035, 2N6038 = 80 Vdc
(Min) — 2N6036, 2N6039
Forward Biased Second Breakdown Current Capability
IS/b = 1.5 Adc @ 25 Vdc
Monolithic Construction with Built–In Base–Emitter Resistors to
LimitELeakage Multiplication
Space–Saving High Performance–to–Cost Ratio TO–225AA Plastic
Package
MAXIMUM RATINGS (1)
Rating
Symbol
2N6035
2N6038
2N6036
2N6039
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
4.0
8.0
Adc
Base Current
IB
100
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
40
0.32
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.5
0.012
Watts
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
3.12
_C/W
Thermal Resistance, Junction to Ambient
θJA
83.3
_C/W
(1) Indicates JEDEC Registered Data.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductor)
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 10
1
Publication Order Number:
2N6035/D
2N6035
2N6036
2N6038
2N6039
*ON Semiconductor Preferred Device
DARLINGTON
4–AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
60, 80 VOLTS
40 WATTS
*
*
CASE 77–09
TO–225AA TYPE
PNP
NPN
3
2 1
STYLE 1:
PIN 1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - 2N6038

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6038 STMICROELECTRONICS-2N6038 Datasheet
174Kb / 4P
   MIDIUM POWER DAR;OMGTONS
January 1989
logo
ON Semiconductor
2N6038 ONSEMI-2N6038 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6038 SAVANTIC-2N6038 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6038 ONSEMI-2N6038 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Inchange Semiconductor ...
2N6038 ISC-2N6038 Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6038

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com