Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6038 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6038
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6038 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6038 Datasheet HTML 1Page - ON Semiconductor 2N6038 Datasheet HTML 2Page - ON Semiconductor 2N6038 Datasheet HTML 3Page - ON Semiconductor 2N6038 Datasheet HTML 4Page - ON Semiconductor 2N6038 Datasheet HTML 5Page - ON Semiconductor 2N6038 Datasheet HTML 6Page - ON Semiconductor 2N6038 Datasheet HTML 7Page - ON Semiconductor 2N6038 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6035 2N6036 2N6038 2N6039
http://onsemi.com
4
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
θJC(t) = r(t) θJC
θJC = 3.12°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02 0.03
0.3
3.0
30
300


Similar Part No. - 2N6038

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6038 STMICROELECTRONICS-2N6038 Datasheet
174Kb / 4P
   MIDIUM POWER DAR;OMGTONS
January 1989
logo
ON Semiconductor
2N6038 ONSEMI-2N6038 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6038 SAVANTIC-2N6038 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6038 ONSEMI-2N6038 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Inchange Semiconductor ...
2N6038 ISC-2N6038 Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6038

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com