Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6388 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6388
Description  Plastic Medium-Power Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6388 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6388 Datasheet HTML 1Page - ON Semiconductor 2N6388 Datasheet HTML 2Page - ON Semiconductor 2N6388 Datasheet HTML 3Page - ON Semiconductor 2N6388 Datasheet HTML 4Page - ON Semiconductor 2N6388 Datasheet HTML 5Page - ON Semiconductor 2N6388 Datasheet HTML 6Page - ON Semiconductor 2N6388 Datasheet HTML 7Page - ON Semiconductor 2N6388 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Plastic Medium-Power
Silicon Transistors
. . . designed for general–purpose amplifier and low–speed
switching applications.
High DC Current Gain —
hFE = 2500 (Typ) @ IC
= 4.0 Adc
Collector–Emitter Sustaining Voltage – @ 100 mAdc
VCEO(sus) = 60 Vdc (Min) — 2N6387
= 80 Vdc (Min) — 2N6388
Low Collector–Emitter Saturation Voltage —
VCE(sat) = 2.0 Vdc (Max) @ IC
= 5.0 Adc — 2N6387, 2N6388
Monolithic Construction with Built–In Base–Emitter Shunt Resistors
TO–220AB Compact Package
*MAXIMUM RATINGS
Rating
Symbol
2N6387
2N6388
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
10
15
10
15
Adc
Base Current
IB
250
mAdc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
65
0.52
Watts
W/
_C
Total Power Dissipation
@ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
Watts
W/
_C
Operating and Storage Junction,
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.92
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductor)
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 10
1
Publication Order Number:
2N6387/D
2N6387
2N6388
*ON Semiconductor Preferred Device
DARLINGTON
8 AND 10 AMPERE
NPN SILICON
POWER TRANSISTORS
60–80 VOLTS
65 WATTS
*
CASE 221A–09
TO–220AB
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4


Similar Part No. - 2N6388

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6388 MOSPEC-2N6388 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
logo
Quanzhou Jinmei Electro...
2N6388 JMNIC-2N6388 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6388 ONSEMI-2N6388 Datasheet
164Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
Quanzhou Jinmei Electro...
2N6388 JMNIC-2N6388 Datasheet
163Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
2N6388 STMICROELECTRONICS-2N6388 Datasheet
49Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTOR
April 1999
More results

Similar Description - 2N6388

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com