Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6426 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6426
Description  Darlington Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6426 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6426 Datasheet HTML 1Page - ON Semiconductor 2N6426 Datasheet HTML 2Page - ON Semiconductor 2N6426 Datasheet HTML 3Page - ON Semiconductor 2N6426 Datasheet HTML 4Page - ON Semiconductor 2N6426 Datasheet HTML 5Page - ON Semiconductor 2N6426 Datasheet HTML 6Page - ON Semiconductor 2N6426 Datasheet HTML 7Page - ON Semiconductor 2N6426 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6426 2N6427
http://onsemi.com
4
SMALL–SIGNALCHARACTERISTICS
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (µA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0 2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0 10
20
30
50 70 100
200 300
500
TJ = 125°C
25°C
-55°C
VCE = 5.0 V
0.1 0.2 0.5 1.0 2.0
5.0 10 20 50 100 200 500 1000
TJ = 25°C
IC = 10 mA 50 mA
250 mA 500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
-1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20 30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
-2.0
-3.0
-4.0
-5.0
-6.0
5.0 7.0 10
20 30
50 70 100
200 300
500
25°C TO 125°C
-55°C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25°C TO 125°C
-55°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0


Similar Part No. - 2N6426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
153Kb / 6P
   Darlington Transistors(NPN Silicon)
February, 2001 ??Rev.1
logo
Fairchild Semiconductor
2N6426 FAIRCHILD-2N6426 Datasheet
25Kb / 2P
   NPN Darlington Transistor
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
79Kb / 6P
   Darlington Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Fairchild Semiconductor
2N6426 FAIRCHILD-2N6426 Datasheet
297Kb / 7P
   NPN Darlington Transistor
logo
ON Semiconductor
2N6426G ONSEMI-2N6426G Datasheet
79Kb / 6P
   Darlington Transistors NPN Silicon
March, 2007 ??Rev. 3
More results

Similar Description - 2N6426

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
   Darlington Transistors
logo
ON Semiconductor
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
   Darlington Transistors
March, 2001 ??Rev. 1
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
   Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
   Darlington Transistors
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
   Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com