Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23V26457TA Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23V26457TA
Description  2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26457TA Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23V26457TA Datasheet HTML 1Page - OKI electronic componets MSC23V26457TA Datasheet HTML 2Page - OKI electronic componets MSC23V26457TA Datasheet HTML 3Page - OKI electronic componets MSC23V26457TA Datasheet HTML 4Page - OKI electronic componets MSC23V26457TA Datasheet HTML 5Page - OKI electronic componets MSC23V26457TA Datasheet HTML 6Page - OKI electronic componets MSC23V26457TA Datasheet HTML 7Page - OKI electronic componets MSC23V26457TA Datasheet HTML 8Page - OKI electronic componets MSC23V26457TA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MSC23V26457TA-xxBS8/MSC23V26457SA-xxBS8
¡ Semiconductor
631
8
¡ Semiconductor
MSC23V26457TA-xxBS8/
MSC23V26457SA-xxBS8
2,097,152-Word
¥ 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
DESCRIPTION
The Oki MSC23V26457TA-xxBS8/MSC23V26457SA-xxBS8 is a fully decoded 2,097,152-word ¥
64-bit CMOS dynamic random access memory composed of eight 16-Mb DRAMs (2M ¥ 8) in
TSOP or SOJ packages mounted with decoupling capacitors on an 168-pin glass epoxy DIMM
Package supports any application where high density and large capacity of storage memory are
required.
FEATURES
• 2,097,152-word ¥ 64-bit (8 Byte) organization
• 168-pin DIMM
MSC23V26457TA-xxBS8 : TSOP type
MSC23V26457SA-xxBS8 : SOJ type
• Single 3.3 V supply
±0.3 V tolerance
• Input
: LVTTL compatible
• Output : LVTTL compatible, 3-state, nonlatch
• Refresh : 2048 cycles/32 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Fast Page Mode with EDO capability
• Serial Presence Detect
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time
(Min.)
Power Dissipation
Operating (Max.) Standby (Max.)
tRAC
tAA
tCAC
MSC23V26457TA-60BS8
MSC23V26457SA-60BS8
MSC23V26457TA-70BS8
MSC23V26457SA-70BS8
60 ns
70 ns
30 ns
35 ns
15 ns
20 ns
110 ns
130 ns
4320 mW
3744 mW
28.8 mW
tOEA
15 ns
20 ns


Similar Part No. - MSC23V26457TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26457TD OKI-MSC23V26457TD Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50 OKI-MSC23V26457TD-50 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50BS8 OKI-MSC23V26457TD-50BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60 OKI-MSC23V26457TD-60 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60BS8 OKI-MSC23V26457TD-60BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23V26457TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com