Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6497 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6497
Description  High Voltage NPN Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6497 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6497 Datasheet HTML 1Page - ON Semiconductor 2N6497 Datasheet HTML 2Page - ON Semiconductor 2N6497 Datasheet HTML 3Page - ON Semiconductor 2N6497 Datasheet HTML 4Page - ON Semiconductor 2N6497 Datasheet HTML 5Page - ON Semiconductor 2N6497 Datasheet HTML 6Page - ON Semiconductor 2N6497 Datasheet HTML 7Page - ON Semiconductor 2N6497 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N6497
http://onsemi.com
3
Figure 3. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RθJC(max) = 1.56°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
SINGLE
PULSE
0.03
0.3
3.0
30
300
BONDING WIRE LIMITED
THERMAL LIMIT (SINGLE PULSE)
SECOND BREAKDOWN LIMIT
20
Figure 4. Active–Region Safe Operating Area
2.0
10
20
500
TC = 25°C
0.2
5.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
70
1.0
0.02
dc
5.0
100
7.0
CURVES APPLY BELOW RATED VCEO
5.0 ms
1.0 ms
100 µs
0.1
0.05
30
50
300
200
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 4 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 3. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown. Second
breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltage shown on
Figure 4 may be found at any case temperature by using the
appropriate curve on Figure 6.
Figure 5. Turn–Off Time
IC, COLLECTOR CURRENT (AMP)
VCC = 125 V
IC/IB = 5.0
TJ = 25°C
ts
tf
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.1
0.3
0.2
0.05
5.0
1.0
0.1
2.0
0.07
3.0
0.3
0.2
0.5 0.7
100
80
60
20
0
0
20
40
60
80
100
120
140
160
Figure 6. Power Derating
TC, CASE TEMPERATURE (°C)
THERMAL DERATING
SECOND BREAKDOWN DERATING
40


Similar Part No. - 2N6497

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
   POWER TRANSISTORS(5A,80W)
logo
ON Semiconductor
2N6497 ONSEMI-2N6497 Datasheet
148Kb / 6P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 11
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N6497 SAVANTIC-2N6497 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6497 ISC-2N6497 Datasheet
199Kb / 2P
   isc Silicon NPN Power Transistors
More results

Similar Description - 2N6497

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
   High Voltage NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
   NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
   High Voltage NPN Silicon Power Transistors
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com