Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD2150 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PD2150
Description  20 V, 3 A NPN low VCEsat transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD2150 Datasheet(HTML) 2 Page - NXP Semiconductors

  2PD2150 Datasheet HTML 1Page - NXP Semiconductors 2PD2150 Datasheet HTML 2Page - NXP Semiconductors 2PD2150 Datasheet HTML 3Page - NXP Semiconductors 2PD2150 Datasheet HTML 4Page - NXP Semiconductors 2PD2150 Datasheet HTML 5Page - NXP Semiconductors 2PD2150 Datasheet HTML 6Page - NXP Semiconductors 2PD2150 Datasheet HTML 7Page - NXP Semiconductors 2PD2150 Datasheet HTML 8Page - NXP Semiconductors 2PD2150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 14987
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2005
2 of 11
Philips Semiconductors
2PD2150
20 V, 3 A NPN low VCEsat (BISS) transistor
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
emitter
2
collector
3
base
321
sym042
1
2
3
Table 3:
Ordering information
Type number
Package
Name
Description
Version
2PD2150
SC-62
plastic surface mounted package; collector pad for
good heat transfer; 3 leads
SOT89
Table 4:
Marking codes
Type number
Marking code
2PD2150
M2


Similar Part No. - 2PD2150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
logo
NXP Semiconductors
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
More results

Similar Description - 2PD2150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
PBSS4320X NEXPERIA-PBSS4320X Datasheet
269Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
   NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
PBSS302NZ NEXPERIA-PBSS302NZ Datasheet
271Kb / 13P
   20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
PBSS302NZ-Q NEXPERIA-PBSS302NZ-Q Datasheet
271Kb / 13P
   20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
logo
NXP Semiconductors
2PB1424 PHILIPS-2PB1424 Datasheet
69Kb / 11P
   20 V, 3 A PNP low VCEsat transistor
Rev. 01-2 May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com