Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97PF120W Datasheet(PDF) 5 Page - International Rectifier

Part # 97PF120W
Description  STANDARD RECOVERY DIODES GEN II DO5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

97PF120W Datasheet(HTML) 5 Page - International Rectifier

  97PF120W Datasheet HTML 1Page - International Rectifier 97PF120W Datasheet HTML 2Page - International Rectifier 97PF120W Datasheet HTML 3Page - International Rectifier 97PF120W Datasheet HTML 4Page - International Rectifier 97PF120W Datasheet HTML 5Page - International Rectifier 97PF120W Datasheet HTML 6Page - International Rectifier 97PF120W Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
95PF(R)...(W) Series
5
Bulletin I20208 rev. D 01/05
www.irf.com
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Square Wave Pulse Duration (s)
Fig. 8 - Thermal Impedance ZthJC Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non -Repetitive Surge Current
Pulse Train Duration (s)
Fig. 6 - Maximum Non -Repetitive Surge Current
400
600
800
1000
1200
1400
1600
1800
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
95PF(R) Series
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
95PF(R) Series
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
1
10
100
1000
00.5
11.5
22.5
3
Tj = 25˚C
95PF(R) Series
Tj = 180˚C
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.27 K/W
(DC Operation)
95PF(R) Series


Similar Part No. - 97PF120W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
97PF120W VISHAY-97PF120W Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
More results

Similar Description - 97PF120W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50PF80 IRF-50PF80 Datasheet
619Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com