Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX66C Datasheet(PDF) 1 Page - Seme LAB

Part # BDX66C
Description  Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX66C Datasheet(HTML) 1 Page - Seme LAB

  BDX66C Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDX66C
Bipolar PNP Device.
V
CEO =
120V
I
C = 16A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
120
V
I
C(CONT)
16
A
h
FE
@ 3/10 (V
CE / IC)
1000
-
f
t
7M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - BDX66C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX66C ETC-BDX66C Datasheet
164Kb / 4P
   PNP SILICON DARLINGTONS
logo
Savantic, Inc.
BDX66C SAVANTIC-BDX66C Datasheet
108Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDX66C COMSET-BDX66C Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX66C SEME-LAB-BDX66C Datasheet
185Kb / 3P
   PNP DARLINGTON SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
BDX66C ISC-BDX66C Datasheet
129Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BDX66C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6228 SEME-LAB-2N6228 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX92 SEME-LAB-SF_BDX92 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX96 SEME-LAB-SF_BDX96 Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BUW23 SEME-LAB-BUW23 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package.
2N3174 SEME-LAB-2N3174 Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BUW22A SEME-LAB-SF_BUW22A Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_2N5871 SEME-LAB-SF_2N5871 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDW52A SEME-LAB-SF_BDW52A Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX88 SEME-LAB-SF_BDX88 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
2N5623 SEME-LAB-2N5623 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BDX94 SEME-LAB-BDX94 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com