Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZ5346B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZ5346B
Description  Silicon Zener Diode is a high quality voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZ5346B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZ5346B Datasheet HTML 1Page - Central Semiconductor Corp CZ5346B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(CONTINUED ON REVERSE SIDE)
R2
CZ5342B THRU CZ5388B
6.8 VOLTS THRU 200 VOLTS
5.0W, 5% TOLERANCE
DO-201 CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZ5342B Series Silicon Zener Diode is a high quality voltage regulator designed
for use in industrial, commercial, entertainment and computer applications.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNITS
Power Dissipation (@TA=25°C)
PD
5.0
W
Operating and Storage Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
Maximum
Maximum
Maximum
Maximum
Maximum
Zener
Test
Zener
Reverse
Surge
Voltage
Regulator
Marking
Type No.
Voltage
Current
Impedance
Current
Current
Regulation
Current
Code
VZ @ IZT
(Note 1)
(Note 2)
MIN
NOM
MAX
IZT
ZZT@IZT
ZZK @ IZK
IR @ VR
ir
∆VZ
IZM
Volts
Volts
Volts
mA
mA
µA
Volts
A
Volts
mA
CZ5342B
6.460
6.8
7.140
175
1.0
200
1.0
100
5.2
11.5
0.25
700
CZ5342B
CZ5343B
7.125
7.5
7.875
175
1.5
200
1.0
100
5.7
10.7
0.25
630
CZ5343B
CZ5344B
7.790
8.2
8.610
150
1.5
200
1.0
100
6.2
10.0
0.20
580
CZ5344B
CZ5345B
8.265
8.7
9.135
150
2.0
200
1.0
100
6.6
7.5
0.20
545
CZ5345B
CZ5346B
8.645
9.1
9.555
150
2.0
150
1.0
7.5
6.9
9.2
0.22
520
CZ5346B
CZ5347B
9.500
10
10.50
125
2.0
125
1.0
5.0
7.6
8.6
0.22
475
CZ5347B
CZ5348B
10.45
11
11.55
125
2.5
125
1.0
5.0
8.4
8.0
0.25
430
CZ5348B
CZ5349B
11.40
12
12.60
100
2.5
125
1.0
2.0
9.1
7.5
0.25
395
CZ5349B
CZ5350B
12.35
13
13.65
100
2.5
100
1.0
1.0
9.9
7.0
0.25
365
CZ5350B
CZ5351B
13.30
14
14.70
100
2.5
75
1.0
1.0
10.6
6.7
0.25
340
CZ5351B
CZ5352B
14.25
15
15.75
75
2.5
75
1.0
1.0
11.5
6.3
0.25
315
CZ5352B
CZ5353B
15.20
16
16.80
75
2.5
75
1.0
1.0
12.2
6.00
0.30
295
CZ5353B
CZ5354B
16.15
17
17.85
70
2.5
75
1.0
0.5
12.9
5.8
0.35
280
CZ5354B
CZ5355B
17.10
18
18.90
65
2.5
75
1.0
0.5
13.7
5.5
0.40
264
CZ5355B
CZ5356B
18.05
19
19.95
65
3.0
75
1.0
0.5
14.4
5.3
0.40
250
CZ5356B
CZ5357B
19.00
20
21.00
65
3.0
75
1.0
0.5
15.2
5.1
0.40
237
CZ5357B
CZ5358B
20.90
22
23.10
50
3.5
75
1.0
0.5
16.7
4.7
0.45
216
CZ5358B
CZ5359B
22.80
24
25.20
50
3.5
100
1.0
0.5
18.2
4.4
0.55
198
CZ5359B
CZ5360B
23.75
25
26.25
50
4.0
110
1.0
0.5
19.0
4.3
0.55
190
CZ5360B
CZ5361B
25.65
27
28.35
50
5.0
120
1.0
0.5
20.6
4.1
0.60
176
CZ5361B
CZ5362B
26.60
28
29.40
50
6.0
130
1.0
0.5
21.2
3.9
0.60
170
CZ5362B
CZ5363B
28.50
30
31.50
40
8.0
140
1.0
0.5
22.8
3.7
0.60
158
CZ5363B
CZ5364B
31.35
33
34.65
40
10
150
1.0
0.5
25.1
3.5
0.65
144
CZ5364B
CZ5365B
34.20
36
37.80
30
11
160
1.0
0.5
27.4
3.3
0.65
132
CZ5365B


Similar Part No. - CZ5346B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZ5346B CENTRAL-CZ5346B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
More results

Similar Description - CZ5346B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
New Jersey Semi-Conduct...
1N3506A NJSEMI-1N3506A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
1N6321 NJSEMI-1N6321 Datasheet
94Kb / 1P
   ZENER VOLTAGE REGULATOR DIODE
logo
Microsemi Corporation
1N3506A MICROSEMI-1N3506A Datasheet
122Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
1N705A MICROSEMI-1N705A Datasheet
135Kb / 1P
   Zener Voltage Regulator Diode
logo
New Jersey Semi-Conduct...
1EZ150D5 NJSEMI-1EZ150D5 Datasheet
94Kb / 1P
   Zener Voltage Regulator Diode
logo
Renesas Technology Corp
RKZ3.6BKV RENESAS-RKZ3.6BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ-KV RENESAS-RKZ-KV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
   The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
logo
Fairchild Semiconductor
KSC5020 FAIRCHILD-KSC5020 Datasheet
55Kb / 5P
   High Voltage, High Quality
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com