Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339U-3 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1339U-3
Description  I2C Serial Real-Time Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1339U-3 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1339U-3 Datasheet HTML 2Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 3Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 4Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 5Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 6Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 7Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 8Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 9Page - Dallas Semiconductor DS1339U-3 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS1339 I
2C Serial Real-Time Clock
6 of 18
Figure 2. Timing Diagram
Figure 3. Block Diagram
ALARM,
TRICKLE
CHARGE, AND
CONTROL
REGISTERS
SERIAL BUS
INTERFACE AND
ADDRESS
REGISTER
OSCILLATOR AND
DIVIDER
CONTROL
LOGIC
X1
X2
SCL
SDA
1Hz
1Hz/4.096kHz/8.192kHz/32.768kHz
MUX/
BUFFER
SQW
/INT
USER BUFFER
(7 BYTES)
CLOCK AND
CALENDAR
REGISTERS
"C" VERSION
ONLY
POWER
CONTROL
VCC
VBACKUP
Dallas Semiconductor
DS1339


Similar Part No. - DS1339U-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339U-3 DALLAS-DS1339U-3 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339U-3 MAXIM-DS1339U-3 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-3 MAXIM-DS1339U-3 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
DS1339U-3++ MAXIM-DS1339U-3+ Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-3++ MAXIM-DS1339U-3+ Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
More results

Similar Description - DS1339U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com