Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB940 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB940
Description  For Power Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB940 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB940 Datasheet HTML 1Page - Panasonic Semiconductor 2SB940 Datasheet HTML 2Page - Panasonic Semiconductor 2SB940 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0940, 2SB0940A
2
SJD00021BED
VCE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
IC  VBE
Safe operation area
Rth  t
0
160
40
120
80
0
10
20
30
40
50
Ambient temperature T
a (°C)
(1)TC=Ta
(2)With a 100
×100×2mm
Al heat sink
(3)With a 50
×50×2mm
Al heat sink
(4)Without heat sink
(PC=2W)
(1)
(4)
(3)
(2)
0
0
−12
−2
−10
−4
−8
−6
−600
−500
−400
−300
−200
−100
TC=25˚C
–4.0mA
–3.5mA
–3.0mA
–2.5mA
–2.0mA
–1.5mA
–1.0mA
–0.5mA
IB=–4.5mA
Collector-emitter voltage V
CE (V)
0
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
0
− 0.4
− 0.8
−1.2
−2.0
−1.6
TC=100˚C
–25˚C
25˚C
VCE=–10V
Base-emitter voltage V
BE (V)
− 0.01
− 0.01
− 0.1
−1
−10
− 0.1
−1
Collector current I
C (A)
IC/IB=10
TC=100˚C
25˚C
–25˚C
− 0.01
− 0.1
−1
−10
1
10
Collector current I
C (A)
102
104
103
VCE=–10V
TC=100˚C
25˚C
–25˚C
− 0.01
− 0.1
−1
−10
1
10
Collector current I
C (A)
102
104
103
VCE=–10V
f=10MHz
TC=25˚C
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Collector-emitter voltage V
CE (V)
t=0.5ms
t=5ms
t=1ms
ICP
IC
Non repetitive pulse
TC=25˚C
DC
10−2
10−1
1
10
103
102
104
103
102
10
1
10−1
10−2
10−3
Time t (s)
(1)
(2)
(1)Without heat sink
(2)With a 100
×100×2mm Al heat sink


Similar Part No. - 2SB940

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB940 PANASONIC-2SB940 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB940 PANASONIC-2SB940 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type
logo
Savantic, Inc.
2SB940 SAVANTIC-2SB940 Datasheet
145Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB940 JMNIC-2SB940 Datasheet
200Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB940 ISC-2SB940 Datasheet
168Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB940

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
   For Power Amplification
2SB1623A PANASONIC-2SB1623A Datasheet
67Kb / 3P
   For Power Amplification
2SB0929 PANASONIC-2SB0929 Datasheet
75Kb / 3P
   For Power Amplification
2SB1169 PANASONIC-2SB1169 Datasheet
75Kb / 3P
   For power amplification
2SB0928 PANASONIC-2SB0928 Datasheet
74Kb / 3P
   For Power Amplification
2SB1470 PANASONIC-2SB1470 Datasheet
84Kb / 4P
   For Power Amplification
2SB1063 PANASONIC-2SB1063 Datasheet
73Kb / 3P
   For High Power Amplification
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
logo
Rohm
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
   For Power amplification (-100V, -8A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com