Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-RM11-H0000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-RM11-H0000
Description  Optical Performance Best Value AlInGaP and InGaN Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-RM11-H0000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-RM11-H0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-RM11-H0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-RM11-H0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-RM11-H0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-RM11-H0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-RM11-H0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-RM11-H0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Well-defined spatial radiation
pattern
• Viewing angles:
Major axis 120˚
Minor axis 60˚
• High luminous output
• AlInGaP II (brightest) intensity
level
• Colors:
472 nm blue
526 nm green
630 nm red
592 nm amber
• Superior resistance to moisture
• UV resistant epoxy
Benefits
• Viewing angle designed for wide
field of view applicaion
• Superior performance in outdoor
environments
Applications
• Full color signs
CAUTION: The Blue and Green LEDs are Class 1 ESD sensitive. Please observe appropriate precautions
during handling and processing. Refer to Agilent Application Note AN-1142 for additional details.
Agilent HLMP-SL11, HLMP-RL11,
HLMP-SD11, HLMP-RD11, HLMP-RB11,
HLMP-RM11 4 mm Oval Precision
Optical Performance Best Value
AlInGaP and InGaN Lamps
Data Sheet
High efficiency LED materials are
used in these lamps: Higher
performance of Aluminum Indium
Gallium Phosphide (AlInGaP II)
for Red and Amber color and
Indium Gallium Nitride (InGaN)
for Blue and Green. Each lamp is
made with an advanced optical
grade epoxy offering superior
high temperature and high
moisture resistance in outdoor
applications. The package epoxy
contains both UV-A and UV-B
inhibitors to reduce the effects of
long term exposure to direct
sunlight.
Designers can select parallel or
perpendicular orientation. Both
lamps are available in tinted
version.
Description
These Precision Optical
Performance Oval LEDs are
specifically designed for Full Color/
Video and Passenger Information
signs. The Oval shaped radiation
pattern (60˚ x 120˚) and high
luminous intensity ensure that these
devices are excellent for wide field
of view outdoor applications where
a wide viewing angle and readability
in sunlight are essential. These
lamps have very smooth, matched
radiation patterns ensuring
consistent color mixing in full color
applications, message uniformity
across the viewing angle of the sign.


Similar Part No. - HLMP-RM11-H0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RM11-H0000 AVAGO-HLMP-RM11-H0000 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
More results

Similar Description - HLMP-RM11-H0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com