Electronic Components Datasheet Search |
|
ICS8735AY-01T Datasheet(PDF) 7 Page - Integrated Circuit Systems |
|
ICS8735AY-01T Datasheet(HTML) 7 Page - Integrated Circuit Systems |
7 / 17 page 8735AY-01 www.icst.com/products/hiperclocks.html REV. F NOVEMBER 12, 2004 7 Integrated Circuit Systems, Inc. ICS8735-01 1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR APPLICATION INFORMATION Figure 2 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = V CC/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin.The ratio FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and V CC = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609. V_REF R1 1K C1 0.1u R2 1K Single Ended Clock Input CLKx nCLKx VCC V CC - 2V 50 Ω 50 Ω RTT Z o = 50Ω Z o = 50Ω FOUT FIN RTT = Z o 1 ((V OH + VOL) / (VCC – 2)) – 2 3.3V 125 Ω 125 Ω 84 Ω 84 Ω Z o = 50Ω Z o = 50Ω FOUT FIN The clock layout topology shown below is a typical termina- tion for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that gen- erate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50 Ω transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. Figures 1A and 1B show two different layouts which are recommended only as guidelines. Other suitable clock lay- outs may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations. FIGURE 1B. LVPECL OUTPUT TERMINATION FIGURE 1A. LVPECL OUTPUT TERMINATION TERMINATION FOR LVPECL OUTPUTS |
Similar Part No. - ICS8735AY-01T |
|
Similar Description - ICS8735AY-01T |