Part Name
         Description
2SB1593

 For Low-Frequency Output Amplification ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 2 page
background image
2SB1593
2
SJD00085BED
PC  Ta
IC  VCE
VCE(sat)  IC
IC  VBE
hFE  IC
Cob  VCB
0
0
160
40
120
80
5
15
10
20
Ambient temperature T
a (°C)
(1)TC=Ta
(2)Without heat sink
(PC=2.0W)
(1)
(2)
0
0
−6
−1
−5
−2
−4
−3
−6
−5
−4
−3
−2
−1
TC=25˚C
–2mA
–4mA
–6mA
–8mA
–10mA
IB=–12mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.01
− 0.1
−1
−10
− 0.1
−1
−10
− 0.001
IC/IB=65
Ta=100˚C
25˚C
–25˚C
Collector current I
C (A)
0
−12
−10
−8
−6
−4
−2
0
−2.4
− 0.4
−2.0
− 0.8
−1.6
−1.2
VCE=–2V
25˚C
–25˚C
Ta=100˚C
Base-emitter voltage V
BE (V)
− 0.01
− 0.1
−1
−10
1
10
102
103
104
Collector current I
C (A)
VCE=–2V
Ta=100˚C
25˚C
–25˚C
0
240
200
160
120
80
40
−1
−10
−100
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SB0819For Low-Frequency Output Amplification 1 2 3 4 Panasonic Semiconductor
2SB0968For Low-Frequency Output Amplification 1 2 3 4 Panasonic Semiconductor
2SB0976For Low-Frequency Output Amplification 1 2 3 Panasonic Semiconductor
2SD0592AFor Low-Frequency Output Amplification 1 2 3 4 Panasonic Semiconductor
2SB0779For low-frequency output amplification 1 2 3 Panasonic Semiconductor
2SB1438Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SC4391Silicon NPN epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SD0875For Low-Frequency Power Amplification 1 2 3 Panasonic Semiconductor
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
2SB1440Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl