Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM27C3255CZ Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM27C3255CZ
Description  1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C3255CZ Datasheet(HTML) 3 Page - OKI electronic componets

  MSM27C3255CZ Datasheet HTML 1Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 2Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 3Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 4Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 5Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 6Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 7Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 8Page - OKI electronic componets MSM27C3255CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
BLOCK DIAGRAM
FUNCTION TABLE
MSM27C3255CZ
STAND-BY
OUTPUT DISABLE
READ (16-Bit)
READ (32-Bit)
MODE
D31/A-1
CE
OE
VPP
LL
DOUT
L
L
L/H
LH
L
*
H
*
H
L
* : Don't Care
4.5V
to
5.5V
D16 - D30
D0 - D15
H
L
DOUT
Hi-Z
H
Hi-Z
*
Hi-Z
PROGRAM
LH
DIN
PROGRAM INHIBIT
H
H
Hi-Z
PROGRAM VERIFY
HL
DOUT
L
6.25V
WORD
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
CE
WORD
OE
CE
PGM
OE
Memory Matrix
Multiplexer & Page Data Latch
Output Buffer
X16/X32 Switch
A-1
In 16-bit output mode, these pins are
three-stated and pin D31 functions
as the A-1 address pin.
1,048,576X32-Bit or 2,097,152X16-Bit
VCC
11.5V
*
Hi-Z
Hi-Z
L/H
L/H


Similar Part No. - MSM27C3255CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results

Similar Description - MSM27C3255CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
MSM27V3255CZ OKI-MSM27V3255CZ Datasheet
100Kb / 13P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com