Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD-FPL-14.5-3 Datasheet(PDF) 15 Page - Kemet Corporation

Part # ESD-FPL-14.5-3
Description  ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-FPL-14.5-3 Datasheet(HTML) 15 Page - Kemet Corporation

Back Button ESD-FPL-14.5-3 Datasheet HTML 9Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 10Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 11Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 12Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 13Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 14Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 15Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 16Page - Kemet Corporation ESD-FPL-14.5-3 Datasheet HTML 17Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5004_ESD-FPL • 9/17/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
Packaging
Part Number
Packaging Type
Pieces per Box
ESD-FPL-14.5-3
Tray
8,100
ESD-FPL-14.5-5
5,040
ESD-FPL-14.5-8
3,240
ESD-FPL-14.5-10
2,700
ESD-FPL-16-12
1,650
ESD-FPL-18-8
2,000
ESD-FPL-18-12
1,800
ESD-FPL-18.7-3
5,760
ESD-FPL-18.7-12
1,800
ESD-FPL-21-8
2,400
ESD-FPL-13
840
ESD-FPL-24.5-8
1,800
ESD-FPL-25-12
1,600
ESD-FPL-27-8
960
ESD-FPL-7
900
ESD-FPL-15
720
ESD-FPL-28-10
1,200
ESD-FPL-32-8
960
ESD-FPL-32-12
720
ESD-FPL-20-12
800
ESD-FPL-20-15
ESD-FPL-33.5-8
1,200
ESD-FPL-34-15
320
ESD-FPL-35-8
880
ESD-FPL-16
656
ESD-FPL-38-12
900
ESD-FPL-38.5-8
1,500
ESD-FPL-38.5-12
1,125
ESD-FPL-40-10
750
ESD-FPL-40-12
540
ESD-FPL-40-15
480
ESD-FPL-26
960
ESD-FPL-45.2-8
880
ESD-FPL-45-12
720
ESD-FPL-49.6-12
540
ESD-FPL-57.6-12
480
ESD-FPL-34
240
ESD-FPL-50
180


Similar Part No. - ESD-FPL-14.5-3

ManufacturerPart #DatasheetDescription
logo
NEC
ESD-FPL-14.5-3 NEC-ESD-FPL-14.5-3 Datasheet
1Mb / 31P
   EMI Core
More results

Similar Description - ESD-FPL-14.5-3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-FPD-16 KEMET-ESD-FPD-16 Datasheet
523Kb / 7P
   ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
   ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
B-20L-48B-A KEMET-B-20L-48B-A Datasheet
582Kb / 8P
   B-20 Bead Cores for Round Cables for Low & High Frequency (Bare & coated)
ESD-R-31SR-P KEMET-ESD-R-31SR-P Datasheet
801Kb / 9P
   ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
ESD-SR-S38G KEMET-ESD-SR-S38G Datasheet
1Mb / 10P
   ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
ESD-FPL-20-12 KEMET-ESD-FPL-20-12 Datasheet
60Kb / 1P
   KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-FPL-34-15 KEMET-ESD-FPL-34-15 Datasheet
60Kb / 1P
   KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-FPL-20-15 KEMET-ESD-FPL-20-15 Datasheet
60Kb / 1P
   KEMET, ESD-FPL, EMI Cores, Noise Suppression
ESD-R-19B KEMET-ESD-R-19B Datasheet
664Kb / 9P
   ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
ESD-SR-160H KEMET-ESD-SR-160H Datasheet
504Kb / 7P
   ESD-SR-H/HL Snap-on Cores for Round Cables for High Frequency (with High Heat Resistance & Cable Holding Mechanism case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com