Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLF670Z4 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHLF670Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF670Z4 Datasheet(HTML) 5 Page - International Rectifier

  IRHLF670Z4 Datasheet HTML 1Page - International Rectifier IRHLF670Z4 Datasheet HTML 2Page - International Rectifier IRHLF670Z4 Datasheet HTML 3Page - International Rectifier IRHLF670Z4 Datasheet HTML 4Page - International Rectifier IRHLF670Z4 Datasheet HTML 5Page - International Rectifier IRHLF670Z4 Datasheet HTML 6Page - International Rectifier IRHLF670Z4 Datasheet HTML 7Page - International Rectifier IRHLF670Z4 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHLF670Z4
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VSD , Source-to-Drain Voltage (V)
0.1
1
10
VGS = 0V
TJ = 150°C
TJ = 25°C
1
10
100
0
50
100
150
200
250
V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Ciss

Coss

Crss
0
1
2
3
4
5
0
2
4
6
8
10
12
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
1.6A

V
= 12V
DS
V
= 30V
DS
V
= 48V
DS
1.0
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA LIMITED
100µs
BY RDS(on)


Similar Part No. - IRHLF670Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF6930Z4 IRF-IRHLF6930Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
More results

Similar Description - IRHLF670Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG770Z4 IRF-IRHLG770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG77110 IRF-IRHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET LOGIC LEVEL POWER MOSFET
IRHLF87Y20 IRF-IRHLF87Y20 Datasheet
212Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com