Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM13Q1020 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM13Q1020
Description  0.35 關m Sea of Gates Arrays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q1020 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM13Q1020 Datasheet HTML 3Page - OKI electronic componets MSM13Q1020 Datasheet HTML 4Page - OKI electronic componets MSM13Q1020 Datasheet HTML 5Page - OKI electronic componets MSM13Q1020 Datasheet HTML 6Page - OKI electronic componets MSM13Q1020 Datasheet HTML 7Page - OKI electronic componets MSM13Q1020 Datasheet HTML 8Page - OKI electronic componets MSM13Q1020 Datasheet HTML 9Page - OKI electronic componets MSM13Q1020 Datasheet HTML 10Page - OKI electronic componets MSM13Q1020 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MSM13Q0000/14Q0000 s
5
Oki Semiconductor
DC Characteristics (VDD = 3.0 to 3.6 V, VSS = 0 V, Tj = -40°C to +85°C)
Parameter
Symbol
Conditions
Rated Value [1]
1.
JEDEC Compatible; JESD8-1A LVTTL.
Unit
Min.
Typ [2]
2.
Typical condition is VDD = 3.3 V and Tj = 25
oC on a typical process.
Max.
High-level input voltage
Normal buffer
VIH
2.0
VDD + 0.3
V
5-V tolerant
VIH
2.0
5.5
Low-level input voltage
Normal buffer
VIL
TTL input
-0.3
0.8
5-V tolerant
VIL
TTL input
-0.3
0.8
TTL- level Schmitt trigger input
threshold voltage
Normal buffer
Vt+
TTL input
1.5
2.0
Vt-
0.7
1.0
∆V
t
Vt+ - Vt-
0.4
0.5
5-V tolerant
Vt+
TTL 5-V tolerant input
1.5
2.0
Vt-
0.7
1.0
∆V
t
Vt+ - Vt-
0.4
0.5
High-level output voltage
Normal buffer
VOH
IOH = -100 µA
VDD - 0.2
IOH = -1, -2, -4, -6, -8, -12, -24 mA
2.4
5-V tolerant
VOH
IOH = -100 µA
VDD - 0.2
IOH = -1, -2, -4, -6, -8, -12 mA
2.4
Low-level output voltage
Normal buffer
VOL
IOL = 100 µA
0.2
IOL = 1, 2, 4, 6, 8, 12, 24mA
0.4
5-V tolerant
VOL
IOL = 100 µA
0.2
IOL = 1, 2, 4, 6, 8, 12 mA
0.4
High-level input current
Normal buffer
IIH
VIH = VDD
0.1
10
µA
VIH = VDD (50-kΩ pull-down)
10
66
200
5-V tolerant
IIH
VIH = VDD
0.1
10
VIH = VDD (50-kΩ pull-down)
10
66
200
Low-level input current
Normal buffer
IIL
VIL = VSS
-10
-0.1
-
VIL = VSS (50-kΩ pull-up)
-200
-66
-10
VIL = VSS (3-kΩ pull-up)
-3.3
-1.1
-0.3
mA
5-V tolerant
IIL
VIL = VSS
-10
-0.1
µA
3-state output leakage current
Normal buffer
IOZH
VOH = VDD
0.1
10
µA
VOH = VDD (50-kΩ pull-down)
10
-66
200
IOZL
VOL = VSS
-10
-0.1
VOL = VSS (50-kΩ pull-up)
-200
-66
-10
VOL = VSS (3-kΩ pull-up)
-3.3
-1.1
-0.3
mA
5-V tolerant
IOZH
VOH = VDD
0.1
10
µA
VOH = VDD (50-kΩ pull-down)
10
66
200
IOZL
VOL = VSS
-10
-0.1
Stand-by current [3]
3.
RAM/ROM should be in powerdown mode.
IDDQ
Output open, VIH = VDD, VIL = VSS
Design Dependent
µA


Similar Part No. - MSM13Q1020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM130W9 LITTELFUSE-MSM130W9 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
OKI electronic componet...
MSM13R0000 OKI-MSM13R0000 Datasheet
247Kb / 17P
   Universal Serial Bus Controller 0.5uM Technology Mega Macrofunction
More results

Similar Description - MSM13Q1020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
   0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
logo
OKI electronic componet...
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com