Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024AL-35TI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS62C1024AL-35TI
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C1024AL-35TI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS62C1024AL-35TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C1024AL-35TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
01/24/05
ISSI®
IS62C1024AL
IS65C1024AL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-35 ns
-45 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
35
45
ns
tAA
Address Access Time
35
45
ns
tOHA
Output Hold Time
3
3
ns
tACE1
CE1 Access Time
35
45
ns
tACE2
CE2 Access Time
35
45
ns
tDOE
OE Access Time
10
20
ns
tLZOE(2)
OE to Low-Z Output
3
5
ns
tHZOE(2)
OE to High-Z Output
0
10
0
15
ns
tLZCE1(2)
CE1 to Low-Z Output
3
5
ns
tLZCE2(2)
CE2 to Low-Z Output
3
5
ns
tHZCE(2)
CE1 or CE2 to High-Z Output
0
10
0
15
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of
0.6 to 2.4V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
IS62C1024AL/IS65C1024AL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-35 ns
-45 ns
Symbol Parameter
TestConditions
Min.
Max.
Min.
Max.
Unit
ICC
Averageoperating
CE1=VIL,CE2=VIH
Com.
25
mA
Current
VIN = VIHor VIL,
Ind.
30
I I/O= 0 mA
Auto.
35
ICC1VDDDynamicOperating
VDD= Max.,
CE1=VIL
Com.
30
mA
SupplyCurrent
IOUT = 0 mA, f = fMAX
Ind.
35
VIN =VIH orVIL
Auto.
40
CE2=VIH
typ.(2)
—20
ISB1
TTLStandbyCurrent
VDD=Max.,
Com.
1
mA
(TTLInputs)
VIN =VIHorVIL,
CE1
≥VIH,
Ind.
1.5
or CE2
≤VIL,f=0
Auto.
2
ISB2
CMOSStandby
VDD=Max.,
Com.
5
µA
Current(CMOSInputs)
CE1
≥ VDD–0.2V,or
Ind.
10
CE2
≤0.2V,VIN≥VDD–0.2V,
Auto.
15
or VIN
≤VSS+0.2V, f=0
typ.(2)
—4
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical Values are measured at VDD = 5V, TA = 25oC and not 100% tested.


Similar Part No. - IS62C1024AL-35TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C1024AL-35TI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com