Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024AL-35T Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS62C1024AL-35T
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C1024AL-35T Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS62C1024AL-35T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62C1024AL-35T Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
06/13/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Plastic TSOP-Type I
Package Code: T (32-pin)
D
SEATING PLANE
B
e
C
1
N
E
A1
A
S
H
L
α
Notes:
1. Controlling dimension: millimeters, unless
otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E do not include mold
flash protrusions and should be measured
from the bottom of the package.
4. Formed leads shall be planar with respect
to one another within 0.004 inches at the
seating plane.
MILLIMETERS
INCHES
Symbol
Min.
Max.
Min.
Max.
No. Leads
32
A
1.20
0.047
A1
0.05
0.25
0.002
0.010
B
0.17
0.23
0.007
0.009
C
0.12
0.17
0.005
0.007
D
7.90
8.10
0.311
0.319
E
18.30
18.50
0.720
0.728
H
19.80
20.20
0.780
0.795
e
0.50 BSC
0.020 BSC
L
0.40
0.60
0.016
0.024
α
S
0.25 REF
0.010 REF


Similar Part No. - IS62C1024AL-35T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C1024AL-35T

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com