Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-202U-1 Datasheet(PDF) 4 Page - Kemet Corporation

Part # LF-202U-1
Description  LF Metal Box Single-Phase & Three-Phase Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LF-202U-1 Datasheet(HTML) 4 Page - Kemet Corporation

  LF-202U-1 Datasheet HTML 1Page - Kemet Corporation LF-202U-1 Datasheet HTML 2Page - Kemet Corporation LF-202U-1 Datasheet HTML 3Page - Kemet Corporation LF-202U-1 Datasheet HTML 4Page - Kemet Corporation LF-202U-1 Datasheet HTML 5Page - Kemet Corporation LF-202U-1 Datasheet HTML 6Page - Kemet Corporation LF-202U-1 Datasheet HTML 7Page - Kemet Corporation LF-202U-1 Datasheet HTML 8Page - Kemet Corporation LF-202U-1 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
ERF0001_LF • 11/16/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI-RFI Filters – LF Metal Box Single-Phase & Three-Phase Filters
Dimensions – Millimeters cont.
LF-220N, LF-230N
Recommended torque (N-m) maximum
• Line terminal (M6: 1.18)
• Earth terminal (M4: 1.18)
LF-240, LF-240P, LF-250, LF-250P
Recommended torque (N-m) maximum
• Line terminal (M6: 1.18)
• Earth terminal (M4: 1.18)
Part Number
A
B
C
D
E
F
G
H
I
LF-240
210
190
170
120
100
60
29
75
40
LF-240P
LF-250
240
220
200
90
70
40
30
80
40
LF-250P


Similar Part No. - LF-202U-1

ManufacturerPart #DatasheetDescription
logo
NEC
LF-202U-1 NEC-LF-202U-1 Datasheet
3Mb / 51P
   Noise Filters
logo
Kemet Corporation
LF-202U-1 KEMET-LF-202U-1 Datasheet
114Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 2 A
LF-202U-1 KEMET-LF-202U-1_V01 Datasheet
114Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 2 A
More results

Similar Description - LF-202U-1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
GT-22001V KEMET-GT-22001V Datasheet
401Kb / 12P
   GT Metal Box Single-Phase Filters
GF-220U KEMET-GF-220U Datasheet
266Kb / 6P
   GF Metal Box Single-Phase Filters
MA-2013 KEMET-MA-2013 Datasheet
248Kb / 6P
   MA Plastic Box Single-Phase Filters
MR-2021 KEMET-MR-2021 Datasheet
261Kb / 6P
   MR Plastic Box Single-Phase Filters
VU-220F KEMET-VU-220F Datasheet
278Kb / 6P
   VU Metal Cylinder Single-Phase Filters
RG-208F KEMET-RG-208F Datasheet
281Kb / 6P
   RG Metal Cylinder Single-Phase Filters
logo
PREMO CORPORATION S.L
PFT-3Z PREMO-PFT-3Z Datasheet
224Kb / 2P
   Three Phase Neutral Filters
logo
API Technologies Corp
62-PMB-050-6-12 APITECH-62-PMB-050-6-12 Datasheet
1Mb / 11P
   Power Line Filters Three Phase
logo
Tyco Electronics
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
   Single Phase & 3-Phase Blocking Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com