Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA821 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA821_18 Datasheet HTML 16Page - Texas Instruments INA821_18 Datasheet HTML 17Page - Texas Instruments INA821_18 Datasheet HTML 18Page - Texas Instruments INA821_18 Datasheet HTML 19Page - Texas Instruments INA821_18 Datasheet HTML 20Page - Texas Instruments INA821_18 Datasheet HTML 21Page - Texas Instruments INA821_18 Datasheet HTML 22Page - Texas Instruments INA821_18 Datasheet HTML 23Page - Texas Instruments INA821_18 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
:
G
49.4 k
G
1
R
+
±
+
±
+
±
10 k
24.7 k
10 k
10 k
10 k
24.7 k
Overvoltage
Protection
Overvoltage
Protection
RG
REF
+VS
V-
OUT
V+
-VS
-IN
+IN
:
G
49.4 k
G
1
R
O
IN
IN
REF
V
G V
V
V
Copyright © 2017, Texas Instruments Incorporated
RG
RG
20
INA821
SBOS893A – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Setting the Gain
Figure 55 shows that the gain of the INA821 is set by a single external resistor (RG) connected between the RG
pins (pins 1 and 8).
Figure 55. Simplified Diagram of the INA821 With Gain and Output Equations
The value of RG is selected according to:
(1)
Table 2 lists several commonly used gains and resistor values. The 49.4-k
Ω term in Equation 1 is a result of the
sum of the two internal 24.7-kΩ feedback resistors. These on-chip resistors are laser-trimmed to accurate
absolute values. The accuracy and temperature coefficients of these resistors are included in the gain accuracy
and drift specifications of the INA821. As shown in Figure 55 and explained in more details in section Layout, it is
highly recommended to connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and
ground, placed as close to the device as possible.
Table 2. Commonly-Used Gains and Resistor Values
DESIRED GAIN
RG (Ω)
NEAREST 1% RG (Ω)
1
NC
NC
2
49.4 k
49.9 k
5
12.35 k
12.4 k
10
5.489 k
5.49 k
20
2.600 k
2.61 k
50
1.008 k
1 k
100
499
499
200
248
249
500
99
100
1000
49.4
49.9


Similar Part No. - INA821_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results

Similar Description - INA821_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
[Old version datasheet]   35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA828 TI1-INA828 Datasheet
1Mb / 33P
[Old version datasheet]   50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
   1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com