Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1223A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1223A
Description  SAW Filter 550MHz 100MHz BW (SMD 5.0횞5.0 mm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1223A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1223A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
Year
2013
2017
2014
2018
2015
2019
2016
2020
Product Code
B
b
B
b
Week Code Table
F. PCB FOOTPRINT:
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
no
pq
r
s
t
u
v
w
x
y
z


Similar Part No. - TB1223A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB1221 ETC2-TB1221 Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
TB1221J ETC2-TB1221J Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
TB1221L ETC2-TB1221L Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
logo
TAI-SAW TECHNOLOGY CO.,...
TB1222A TAI-SAW-TB1222A Datasheet
221Kb / 8P
   161MHz 22MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1224A TAI-SAW-TB1224A Datasheet
221Kb / 7P
   SAW Filter 650MHz 100MHz BW (SMD 5.0횞5.0 mm)
More results

Similar Description - TB1223A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1224A TAI-SAW-TB1224A Datasheet
221Kb / 7P
   SAW Filter 650MHz 100MHz BW (SMD 5.0횞5.0 mm)
TB0903A TAI-SAW-TB0903A Datasheet
349Kb / 7P
   SAW Filter 751.5MHz 65MHz BW (SMD 5.0횞5.0 mm)
TB1115A TAI-SAW-TB1115A Datasheet
136Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0969A TAI-SAW-TB0969A Datasheet
362Kb / 7P
   SAW Filter 279.7MHz 55MHz BW (SMD 5.0횞5.0 mm)
TB1007A TAI-SAW-TB1007A Datasheet
348Kb / 7P
   SAW Filter 851.24MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1029A TAI-SAW-TB1029A Datasheet
352Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1030A TAI-SAW-TB1030A Datasheet
333Kb / 6P
   SAW Filter 974.3MHz 76MHz BW (SMD 5.0횞5.0 mm)
TB1174A TAI-SAW-TB1174A Datasheet
177Kb / 8P
   SAW Filter 238MHz 10MHz BW (SMD 5.0횞5.0 mm)
TB0902A TAI-SAW-TB0902A Datasheet
352Kb / 6P
   SAW Filter 435MHz 70MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com