Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD0662 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD0662
Description  For High Breakdown Voltage General Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0662 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD0662 Datasheet HTML 1Page - Panasonic Semiconductor 2SD0662 Datasheet HTML 2Page - Panasonic Semiconductor 2SD0662 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD0662, 2SD0662B
2
SJC00195BED
IC  IB
VCE(sat)  IC
IB  VBE
PC  Ta
IC  VCE
IC  VBE
hFE  IC
fT  IE
ICBO  Ta
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature T
a (°C)
010
8
26
4
0
120
100
80
60
40
20
Ta
= 25°C
IB
= 2.0 mA
0.2 mA
0.4 mA
0.6 mA
1.8 mA
1.6 mA
1.4 mA
1.2 mA
1.0 mA
0.8 mA
Collector-emitter voltage V
CE (V)
0
2.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
VCE
= 10 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
0
2.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
VCE
= 10 V
Ta
= 25°C
Base current I
B (mA)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB
= 10
25
°C
−25°C
Ta
= 75°C
Collector current I
C (mA)
0
1.0
0.8
0.2
0.6
0.4
0
3.0
2.5
2.0
1.5
1.0
0.5
VCE
= 10 V
Ta
= 25°C
Base-emitter voltage V
BE (V)
0.01
0.1
1
10
0
360
300
240
180
120
60
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
0
160
120
40
100
140
80
20
60
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
0200
160
40
120
80
1
10
102
103
104
VCB
= 250 V
Ambient temperature T
a (°C)


Similar Part No. - 2SD0662

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD0601 PANASONIC-2SD0601 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD0601A PANASONIC-2SD0601A Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD0601A PANASONIC-2SD0601A Datasheet
78Kb / 3P
   Silicon NPN epitaxial planar type
2SD0601ARN PANASONIC-2SD0601ARN Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
2SD0602 PANASONIC-2SD0602 Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
More results

Similar Description - 2SD0662

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0788 PANASONIC-2SB0788 Datasheet
69Kb / 3P
   For High Breakdown Voltage Low-noise Amplification
2SB0792 PANASONIC-2SB0792 Datasheet
71Kb / 3P
   For High Breakdown Voltage Low-noise Amplification
2SD662 PANASONIC-2SD662 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For high breakdown voltage general amplification)
2SA0921 PANASONIC-2SA0921 Datasheet
71Kb / 3P
   For high breakdown voltage low-noise amplification Complementary
2SC1573 PANASONIC-2SC1573 Datasheet
47Kb / 3P
   Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
2SC3941 PANASONIC-2SC3941 Datasheet
47Kb / 3P
   Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
2SB1463 PANASONIC-2SB1463 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SC2632 PANASONIC-2SC2632 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB1220 PANASONIC-2SB1220 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com