Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM14Q0340 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM14Q0340
Description  0.35 關m Sea of Gates Arrays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM14Q0340 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM14Q0340 Datasheet HTML 4Page - OKI electronic componets MSM14Q0340 Datasheet HTML 5Page - OKI electronic componets MSM14Q0340 Datasheet HTML 6Page - OKI electronic componets MSM14Q0340 Datasheet HTML 7Page - OKI electronic componets MSM14Q0340 Datasheet HTML 8Page - OKI electronic componets MSM14Q0340 Datasheet HTML 9Page - OKI electronic componets MSM14Q0340 Datasheet HTML 10Page - OKI electronic componets MSM14Q0340 Datasheet HTML 11Page - OKI electronic componets MSM14Q0340 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
s MSM13Q0000/14Q0000 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
6
Oki Semiconductor
AC Characteristics (VDD = 3.3 V, VSS = 0 V, Tj = 25°C)
Parameter
Driving
Type
Conditions [1] [2]
1. Input transition time in 0.2 ns / 3.3 V.
2. Typical condition is VDD = 3.3 V and Tj = 25
oC.
Rated Value [3]
3. Rated value is calculated as an average of the L-H and H-L delay times of each macro type on a typical process.
Unit
Internal gate
propagation delay
Inverter
1X
F/O = 2, L = 0 mm
VDD = 3.3 V
0.082
ns
2X
0.068
4X
0.062
2-input NAND
1X
0.14
2X
0.13
2-input NOR
1X
0.16
2X
0.14
Inverter
1X
F/O = 2, L = 1 mm
VDD = 3.3 V
0.19
2X
0.13
4X
0.097
2-input NAND
1X
0.28
2X
0.20
2-input NOR
1X
0.34
2X
0.24
Toggle frequency
F/O= 1, L = 0 mm
1040
MHz
Input buffer
propagation delay
TTL level normal input buffer
F/O = 2,L = 1 mm
0.35
ns
TTL level 5-V tolerant buffer
0.64
Output buffer
propagation delay
Push-pull
Normal output
buffer
4 mA
CL = 20pF
2.15
8 mA
CL= 50 pF
2.25
12 mA
CL = 100 pF
2.82
3-state
5-V tolerant
buffer
4 mA
CL = 20 pF
2.41
Output buffer
transition times [4]
4. Output rising and falling times are both specified over a 10 to 90% range.
Push-pull
Normal output
buffer
12 mA
CL = 100 pF
4.68 (r)
3.48 (f)
3-state
5-V tolerant
buffer
4 mA
CL = 20 pF
3.53 (r)
3.24 (f)


Similar Part No. - MSM14Q0340

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM10.5W6 LITTELFUSE-MSM10.5W6 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM10.7W6 LITTELFUSE-MSM10.7W6 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Vishay Siliconix
MSM10A VISHAY-MSM10A Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MSM10C VISHAY-MSM10C Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
logo
OKI electronic componet...
MSM10S0000 OKI-MSM10S0000 Datasheet
47Kb / 7P
   0.8um CMOS
More results

Similar Description - MSM14Q0340

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
   0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
logo
OKI electronic componet...
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com