Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6220CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6220CS8
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6220CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6220CS8 Datasheet HTML 3Page - Linear Technology LT6220CS8 Datasheet HTML 4Page - Linear Technology LT6220CS8 Datasheet HTML 5Page - Linear Technology LT6220CS8 Datasheet HTML 6Page - Linear Technology LT6220CS8 Datasheet HTML 7Page - Linear Technology LT6220CS8 Datasheet HTML 8Page - Linear Technology LT6220CS8 Datasheet HTML 9Page - Linear Technology LT6220CS8 Datasheet HTML 10Page - Linear Technology LT6220CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6220/LT6221/LT6222
7
sn622012 622012fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
100
650
µV
VCM = –5V (DD Package)
180
900
µV
VCM = –5V (S5 Package)
230
1300
µV
VCM = 5V
0.75
3
mV
VCM = 5V (S5 Package)
0.75
3.5
mV
∆VOS
Input Offset Voltage Shift
VCM = –5V to 3.5V
90
850
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = –5V
90
1100
µV
(Note 9)
VCM = –5V (DD Package)
180
1500
µV
VOS TC
Input Offset Voltage Drift (Note 8)
1.5
5
µV/°C
(S5 Package)
3.5
10
µV/°C
IB
Input Bias Current
VCM = –4V
20
175
nA
VCM = 4.8V
275
800
nA
Input Bias Current Match (Channel-to-Channel)
VCM = –4V
15
200
nA
(Note 9)
VCM = 4.8V
20
300
nA
IOS
Input Offset Current
VCM = –4V
15
125
nA
VCM = 4.8V
15
125
nA
AVOL
Large Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
30
90
V/mV
VO = –2V to 2V, RL =100Ω
3
9
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3.5V
80
100
dB
CMRR Match (Channel-to-Channel) (Note 9)
75
100
dB
Input Common Mode Range
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V, VCM = 0V
81
104
dB
PSRR Match (Channel-to-Channel) (Note 9)
76
104
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
850
mV
ISINK = 5mA
110
220
mV
ISINK = 20mA
375
750
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
850
mV
ISOURCE = 5mA
150
300
mV
ISOURCE = 20mA
600
1100
mV
ISC
Short-Circuit Current
20
40
mA
IS
Supply Current Per Amplifier
1.2
2
mA
GBW
Gain-Bandwidth Product
Frequency = 1MHz
60
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
18
V/µs
Measure at VO = ±2V
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the 0°C ≤ T
A ≤ 70°C
temperature range. VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted.


Similar Part No. - LT6220CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6220 LINER-LT6220_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
More results

Similar Description - LT6220CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1632 LINER-LT1632 Datasheet
365Kb / 16P
   45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630 Datasheet
356Kb / 16P
   30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com