Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1524 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LH1524
Description  Device is not Implied at these or any Other conditions in Excess
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1524 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LH1524 Datasheet HTML 1Page - Siemens Semiconductor Group LH1524 Datasheet HTML 2Page - Siemens Semiconductor Group LH1524 Datasheet HTML 3Page - Siemens Semiconductor Group LH1524 Datasheet HTML 4Page - Siemens Semiconductor Group LH1524 Datasheet HTML 5Page - Siemens Semiconductor Group LH1524 Datasheet HTML 6Page - Siemens Semiconductor Group LH1524 Datasheet HTML 7Page - Siemens Semiconductor Group LH1524 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LH1531, LH1532, LH1544
Dual 1 Form A
Absolute Maximum Ratings TA=25°C
Stresses in excess of the Absolute Maximum Ratings
can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the
device is not implied at these or any other conditions in
excess of those given in the operational sections of this
document. Exposure to Absolute Maximum Ratings for
extended periods of time can adversely affect reliability.
* Refer to Current-Limit Performance Application Note for a discussion on relay operation during transient currents.
† Breakdown occurs between the output pins external to the package.
Parameter
Symbol Test Conditions
LH1531
LH1532
LH1544
Units
Ambient Operating Temperature Range
TA
–40 to +85
–40 to +85
–40 to + 85
°C
Storage Temperature Range
Tstg
–40 to +150
–40 to +150
–40 to +150
°C
Pin Soldering Temperature
TS
t=10 s max
260
260
260
°C
Input/Output Isolation Test Voltage
VISO
t=1 Sec
5300
5300
5300
Vrms
Pole-to-Pole Isolation Voltage (S1 to S2)†
Dry air, dust free, at
sea level
1600
1600
1600
V
LED Continuous Forward Current
IF
505050
mA
LED Reverse Voltage
VR
IR ≤ 10 µA
888
V
dc or Peak ac Load Voltage
VL
IL ≤ 50 µA
350
350
200
V
Continuous dc Load Current
One Pole Operating
Two Poles Operating
IL
150
110
120
110
55
40
mA
mA
Peak Load Current
IP
t=100 ms
(single shot)
400
*
100
mA
Output Power Dissipation (continuous)
PDISS
600
600
600
mW
SSR Recommended Operating Conditions
120
90
60
30
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
150
IFON =
5 mA to 20 mA
LH15311
IFON = 2 mA
IFON = 4 mA
IFON = 3 mA
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
50
20
10
30
0
40
IFON = 2 mA
IFON = 3 mA
IFON = 4 mA
IFON = 5 mA
to 20 mA
LH15443
80
60
0
40
120
100
20
–40
–20
0
20
40
60
80
IFON =
5 mA to 20 mA
IFON = 2 mA
IFON = 3 mA
IFON = 4 mA
LH15322
AMBIENT TEMPERATURE (
°C)
LH1532


Similar Part No. - LH1524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH1520 ETC-LH1520 Datasheet
162Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1520A ETC-LH1520A Datasheet
162Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1520AAC VISHAY-LH1520AAC Datasheet
161Kb / 9P
   Dual 1 Form A Solid State Relay
Rev. 1.4, 15-Apr-08
LH1520AAC VISHAY-LH1520AAC Datasheet
171Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AAC VISHAY-LH1520AAC Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2022
More results

Similar Description - LH1524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DYNAPCN10-20 ETC2-DYNAPCN10-20 Datasheet
398Kb / 3P
   Autonomous Counting Device High Accuracy Under Any Light Conditions
logo
Suntan Capacitors
1N4148WS SUNTAN-1N4148WS Datasheet
165Kb / 3P
   These diodes are also available in other case
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
   These diodes are also available in other case
logo
Toshiba Semiconductor
DF10G5M4N TOSHIBA-DF10G5M4N Datasheet
836Kb / 8P
   This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
DF2B6M4SL TOSHIBA-DF2B6M4SL Datasheet
717Kb / 8P
   This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
DF10G6M4N TOSHIBA-DF10G6M4N Datasheet
789Kb / 8P
   This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
logo
Samsung semiconductor
LTI460HN09 SAMSUNG-LTI460HN09 Datasheet
1Mb / 32P
   Any modification of Spec is not allowed without SDC?셲 permission.
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
   Read these instructions thoroughly before crimping any contacts
logo
Vishay Siliconix
VS-HFA06TB120SPBF VISHAY-VS-HFA06TB120SPBF Datasheet
167Kb / 8P
   Specified at operating conditions
Revision: 26-Feb-16
logo
Shanghai Leiditech Elec...
HL60-002 LEIDITECH-HL60-002 Datasheet
637Kb / 2P
   Holding Current: maximum current at which the device will not trip in 25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com