Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1906X Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1906X
Description  Li Battery-Pack Protector with Integrated Fuse Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1906X Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1906X Datasheet HTML 5Page - Maxim Integrated Products MAX1906X Datasheet HTML 6Page - Maxim Integrated Products MAX1906X Datasheet HTML 7Page - Maxim Integrated Products MAX1906X Datasheet HTML 8Page - Maxim Integrated Products MAX1906X Datasheet HTML 9Page - Maxim Integrated Products MAX1906X Datasheet HTML 10Page - Maxim Integrated Products MAX1906X Datasheet HTML 11Page - Maxim Integrated Products MAX1906X Datasheet HTML 12Page - Maxim Integrated Products MAX1906X Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
high and the DISCON pin is set to its high-impedance
state. After 130ms, the DRV pin is pulled low by the
MAX1906, exiting the test mode. The time period of
130ms has been chosen not to stress the three-terminal
protection fuse if an external MOSFET is used to blow the
fuse. The OUT pin is not affected by the test mode. See
the timing diagram for the test mode in Figure 7.
Entry into test mode is ignored if the MAX1906 has
detected an overvoltage condition and has activated
the 2.1s delay. Test mode remains disabled until the
MAX1906 exits the overvoltage condition. The
MAX1906 continues normal operation upon exit from
the test mode.
Li+ Battery-Pack Protector with
Integrated Fuse Driver
_______________________________________________________________________________________
9
0.8ms
2.56s
2.1s
0.8ms
300
µA
3.2
µA
STOP SAMPLING AND MONITOR ONLY
CELL UNDER MEASUREMENT
VOV_TH
VREL
ISUP
VB_P
4.8V
VDRV
NOTE: ALL VALUES ARE TYPICAL.
Figure 6. Current Consumption of Chip in Different States
50
µs
IF ALL CELLS ARE TESTED TO BE IN
OVERVOLTAGE CONDITION
VTEST
ISUP
VDRV
0.8ms
130ms
VDISCON
Figure 7. Timing Diagram for Test Mode


Similar Part No. - MAX1906X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1906X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com