Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1906V Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1906V
Description  Li Battery-Pack Protector with Integrated Fuse Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1906V Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1906V Datasheet HTML 1Page - Maxim Integrated Products MAX1906V Datasheet HTML 2Page - Maxim Integrated Products MAX1906V Datasheet HTML 3Page - Maxim Integrated Products MAX1906V Datasheet HTML 4Page - Maxim Integrated Products MAX1906V Datasheet HTML 5Page - Maxim Integrated Products MAX1906V Datasheet HTML 6Page - Maxim Integrated Products MAX1906V Datasheet HTML 7Page - Maxim Integrated Products MAX1906V Datasheet HTML 8Page - Maxim Integrated Products MAX1906V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Li+ Battery-Pack Protector with
Integrated Fuse Driver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(TA = 0°C to +85°C, individual cell voltages = 4.2V unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Disconnected Pin Test Time
Test time per cell
0.2
ms
TEST Input High
2.2
V
Minimum TEST High Duration
50
µs
TEST Input Low
0.8
V
TEST Pulldown to PKN
17
33
k
Thermal Impedance,
Junction to Case
5
°C/W
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, individual cell voltages = 4.2V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
B4P Voltage Range
20
V
B3P Voltage Range
15
V
B2P Voltage Range
10
V
B1P Voltage Range
5V
Overvoltage Detection Threshold
VOV_TH
Cell voltage rising
4.35
4.55
V
Overvoltage Detection Threshold,
Test Mode
Cell voltage rising, test mode
1.95
2.45
V
SCR Release Threshold
VREL
Cell voltage falling
3.80
4.2
V
Standby Mode Threshold
Cell voltage falling
2.25
4.15
V
Overvoltage Delay
tOV
1.85
2.45
s
Supply Current
ISUP
(Note 2)
8
µA
Standby Current
Individual cell voltages = 2.2V
1
µA
OUT Output Sink Current
OUT = 2V, current not internally limited
1.0
A
OUT Voltage
(when SCR Is Triggered)
IOUT = 1.5A
2.2
V
DRV Output Voltage Low
VDRVL
IDRV = 200µA
0.4
V
DRV Output Voltage High
VDRVH
IDRV = 5µA
3.9
5.5
V
DRV Output Voltage High
VDRVH
IDRV = -1mA
2.0
5.5
V
DRV Sink Current
IDRV
VDRVH = 2.5V
2
mA
DRV Source Current
IDRV
VDRVL = 0V
2
mA
Test-Mode Delay
tDLY
(Note 4)
1.25
ms
Test-Mode Output Duration
tOUT
(Note 4)
95
165
ms
DISCON Output Voltage Low
IDISCON = 1mA
0.4
V
TEST Input High
2.6
V
TEST Input Low
0.8
V
TEST Pulldown to PKN
17
33
k
Note 1: See the Normal Operating Mode section.
Note 2: The supply current is measured at the top cell and averaged over one sampling interval.
Note 3: Guaranteed by design.
Note 4: See Figure 7.


Similar Part No. - MAX1906V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1906V

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com