Part Name
         Description
2SD968A

 For Low-Frequency Driver Amplification ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 2 page
background image
2SD0968A
2
SJC00202DED
1
10
100
1 000
10 −3
10 −2
10 −1
1
10
IC / IB
= 10
25
°C
−25°C
Ta
= 75°C
Collector current I
C (mA)
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
0
160
40
120
80
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Copper plate at the collector
is more than 1 cm2 in area,
1.7 mm in thickness
Ambient temperature T
a (°C)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta
= 25°C
8 mA
10 mA
12 mA
6 mA
4 mA
2 mA
Collector-emitter voltage V
CE (V)
015
10
5
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE
= 10 V
Ta
= 25°C
Base current I
B (mA)
1
10
100
1 000
10 −2
10 −1
1
10
102
IC / IB
= 10
Ta
= −25°C
25
°C
75
°C
Collector current I
C (mA)
1
10
100
1 000
0
300
250
200
150
100
50
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
0
200
160
120
80
40
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
1
10
100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
fT  IE
Cob  VCB
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
2SD0973AFor Low-Frequency Driver Amplification 1 2 3 4 Panasonic Semiconductor
2SA0719For low-frequency power amplification and driver amplification Complementary 1 2 3 4 Panasonic Semiconductor
2SA0720AFor low-frequency driver amplification Complementary 1 2 3 Panasonic Semiconductor
2SA0777For low-frequency driver amplification Complementary 1 2 3 4 Panasonic Semiconductor
2SA719Silicon PNP epitaxial planer type For low-frequency power amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SB0819For Low-Frequency Output Amplification 1 2 3 4 Panasonic Semiconductor
2SD0875For Low-Frequency Power Amplification 1 2 3 Panasonic Semiconductor
2SA720ASilicon PNP epitaxial planer type For low-frequency driver amplification 1 2 Panasonic Semiconductor
2SD2623For low-frequency amplification 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl