Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX1V-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX1V-T
Description  Low Frequency Cylindrical Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX1V-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX1V-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
06 Mar 2000
10.0 ~ 75.9kHz
76.0 ~ 200kHz
Low Frequency Cylindrical Crystal
MX1V
Frequencies in kHz
MX1V-ON
0.20
ACTUAL SIZE
2.00
H
0.70
5.90
0.20
ACTUAL SIZE
FrequencyHeight H
10 ~ 20kHz
7.50
21 ~ 28kHz
6.50
over 28kHz
6.10
MX1V-TS
2.00
6.10
1.90
1.27
1.00
MX1V-TK
2.00
6.10
2.00
2.54
1.00
Features
High shock resistance
Wide temperature range
Low power consumption
SM version on tape & reel
MX1V-O
MX1V-T
Parameters
Product
Option
Code
Product name + option codes + frequency
eg: MX1V-ON/I 153.60kHz ±100ppm -40+85°C
MX1V-TK/M 153.60kHz ±500ppm -55+85°C
Option code X (eg MX1V-TS/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Standard Frequencies
Scale 3:1
Standard Calibration Tolerances
10.0000
12.8000
16.0000
16.3840
20.4800
30.7200
32.0000
32.7680
38.4000
40.0000
40.9600
60.0000
76.8000
77.5000
100.0000
153.6000
180.0000
198.0000
200.0000
Specifications
MX1V-O: Straight leads for through-hole
MX1V-T: Formed leads for SM
±30ppm
±100ppm
±100ppm
±500ppm
±10,000ppm
±10,000ppm
Termination:
Low temp (Au-flashed)
High temp (PbSn + Ag-plated)
Lead configuration: Straight leads
N
Formed leads, 2.54mm pitch
K
Formed leads, 1.27mm pitch
S
Frequency range:
10.0 ~ 200kHz
28.0 ~ 200kHz
Calibration tolerance:
see table
specify
Other
Operating temperature range:
-40 to +85°C
I
-55 to +85°C
M
Storage temperature range:
-55 to +125°C
Circuit condition:
10pF
Other
specify
Static capacitance (C
0): 0.7 ~ 1.5pF
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Shock resistance:
±5ppm max 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm max, 20g, 10.0 ~ 2,000Hz
SM version available on T&R - 2k or 5k pcs per reel.
Refer to our website for T&R and soldering details.


Similar Part No. - MX1V-T

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MX1V-T GOLLEDGE-MX1V-T Datasheet
58Kb / 1P
   Low Frequency Cylindrical Crystal
MX1V-T1K GOLLEDGE-MX1V-T1K Datasheet
58Kb / 1P
   Low Frequency Cylindrical Crystal
MX1V-T1N GOLLEDGE-MX1V-T1N Datasheet
58Kb / 1P
   Low Frequency Cylindrical Crystal
More results

Similar Description - MX1V-T

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MX1V-T GOLLEDGE-MX1V-T Datasheet
58Kb / 1P
   Low Frequency Cylindrical Crystal
logo
Abracon Corporation
AB15T ABRACON-AB15T Datasheet
115Kb / 1P
   LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
05.29.07
logo
Golledge Electronics Lt...
GSCX-26 GOLLEDGE-GSCX-26_16 Datasheet
121Kb / 1P
   SM Low Frequency Cylindrical Crystal
GSCX26 GOLLEDGE-GSCX26 Datasheet
54Kb / 1P
   SM Low Frequency Cylindrical Crystal
logo
Abracon Corporation
AB206 ABRACON-AB206 Datasheet
154Kb / 1P
   LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
logo
Golledge Electronics Lt...
GCX-26 GOLLEDGE-GCX-26 Datasheet
530Kb / 4P
   Low Frequency Cylindrical Leaded Crystal
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB Datasheet
142Kb / 2P
   LOW FREQUENCY REFLOWABLE CYLINDRICAL WATCH CRYSTAL
07.09.07
AB310 ABRACON-AB310 Datasheet
641Kb / 1P
   LOW FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
02.25.08
logo
Golledge Electronics Lt...
GCX39 GOLLEDGE-GCX39 Datasheet
58Kb / 1P
   High Frequency Cylindrical Crystal
GSCX-26 GOLLEDGE-GSCX-26 Datasheet
536Kb / 3P
   SM Low Frequency Formed Lead Cylindrical Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com