Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5116165D Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5116165D
Description  1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116165D Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5116165D Datasheet HTML 3Page - OKI electronic componets MSM5116165D Datasheet HTML 4Page - OKI electronic componets MSM5116165D Datasheet HTML 5Page - OKI electronic componets MSM5116165D Datasheet HTML 6Page - OKI electronic componets MSM5116165D Datasheet HTML 7Page - OKI electronic componets MSM5116165D Datasheet HTML 8Page - OKI electronic componets MSM5116165D Datasheet HTML 9Page - OKI electronic componets MSM5116165D Datasheet HTML 10Page - OKI electronic componets MSM5116165D Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/17
¡ Semiconductor
MSM5116165D/DSL
AC Characteristics (2/2)
MSM5116165
D/DSL-60
MSM5116165
D/DSL-70
MSM5116165
D/DSL-50
Write Command Pulse Width
Write Command to
CAS Lead Time
Write Command to
RAS Lead Time
Data-in Set-up Time
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to
WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
OE Command Hold Time
OE to Data-in Delay Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Write Command Set-up Time
tWP
tCWL
tRWL
tDS
tCWD
tRWD
tAWD
tCHR
tRPC
tDH
tWCH
tOEH
tOED
tWCS
Min.
Max.
Parameter
Symbol
Unit Note
Min.
Max.
Min.
Max.
RAS to CAS Set-up Time (CAS before RAS)tCSR
CAS Precharge WE Delay Time
tCPWD
14
11, 12
10
10
10
12
13
12
11, 12
12
10, 12
10
10
10
10
0
34
79
49
5
10
5
10
10
10
15
0
54
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
7
7
7
0
30
67
42
5
10
5
7
7
7
13
0
47
10
13
13
0
44
94
59
5
10
5
13
13
13
20
0
64
RAS Pulse Width
tRASS
16
100
ms
100
100
(
CAS before RAS Self-Refresh)
RAS Precharge Time
tRPS
16
110
ns
90
130
(
CAS before RAS Self-Refresh)
CAS Hold Time
tCHS
16
–50
ns
–50
–50
(
CAS before RAS Self-Refresh)
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to
RAS
tRCS
tRCH
tRRH
12
9, 12
9
ns
ns
ns
0
0
0
0
0
0
0
0
0
WE Pulse Width (DQ Disable)
tWPE
10
ns
7
10
OE Command Hold Time
tOCH
10
ns
7
10
OE Precharge Time
tOEP
10
ns
7
10


Similar Part No. - MSM5116165D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160DSL OKI-MSM5116160DSL Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160F OKI-MSM5116160F Datasheet
232Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160F-50JS OKI-MSM5116160F-50JS Datasheet
232Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5116165D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165A OKI-MSM51V18165A Datasheet
1Mb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165A OKI-MSM51V16165A Datasheet
626Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165D OKI-MSM51V16165D Datasheet
265Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165B OKI-MSM51V18165B Datasheet
105Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165A OKI-MSM5118165A Datasheet
629Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165F OKI-MSM51V18165F Datasheet
191Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F OKI-MSM51V16165F Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com