Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1165IT Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1165IT
Description  Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1165IT Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1165IT Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1165IT Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1165IT Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1165IT Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1165IT Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUMI Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin MM1065 and 1165
Load fluctuation rate
Input fluctuation rate
Output voltage characteristic
Output voltage temperature characteristic
I/O voltage difference
No-load input current
Output current (mA)
0
20
40
60
80
100
100
200
300
400
VIN=4.6V
Input voltage (V)
0
24
6
8
10
20
15
10
5
25
IO=0mA
Output current (mA)
020
40
60
80
100
-20
-10
10
VIN=6V
0
Input voltage (V)
6
789
10
11
4
2
0
-2
IO=40mA
Characteristics
Input voltage (V)
02
4
6
8
10
8
6
4
2
10
IO=40mA
Temperature (°C)
-25
0
25
50
75
100
4.90
4.95
5.00
5.05
VIN=6V, IO=40mA


Similar Part No. - MM1165IT

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1166 MITSUMI-MM1166 Datasheet
100Kb / 4P
   Superimpose Monolithic IC MM1166
More results

Similar Description - MM1165IT

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1215 MITSUMI-MM1215 Datasheet
103Kb / 5P
   Low-Saturation Three-Pin Regulators with Externally Mounted Power Transistor
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
logo
EM Microelectronic - MA...
V6300 EMMICRO-V6300 Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com