Electronic Components Datasheet Search |
|
MM1065JT Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp. |
|
MM1065JT Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp. |
2 / 5 page MITSUMI Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin MM1065 and 1165 Absolute Maximum Ratings Electrical Characteristics Item Symbol Ratings Units Operating temperature TOPR -20~+75 °C Storage temperature TSTG -40~+125 °C Power supply current VCC max. -0.3~10 V Output current IOUT 100 mA Maximum Ratings Pd 200 (MMP-4A) mW 300 (TO-92A) Item Symbol Measurement conditions Min. Typ. Max. Units F 5.76 6.00 6.24 G 4.80 5.00 5.20 Output voltage Vo VIN=Vo+1V H 4.32 4.50 4.68 V Io=40mA I 3.84 4.00 4.16 J 2.88 3.00 3.12 Z 3.17 3.30 3.43 No-load input current Iccq1 VIN=Vo+1V, Io=0mA 13 20 µA Minimum I/O voltage difference Vd min. VIN=Vo min., Io=40mA 0.2 0.3 V Input fluctuation rate V2 VIN=(Vo+1V)~10V, Io=40mA ±0.01 ±0.1 %/V Load fluctuation rate V1 VIN=Vo+1V, Io=0~100mA ±0.01 ±0.03 %/mA Output voltage temperature coefficient Vo/T Tj=-20~+75°C ±100 ppm/°C Ripple rejection rate RR VRIPPLE=1V, VIN=Vo+2V 50 60 dB f=120Hz, Io=40mA |
Similar Part No. - MM1065JT |
|
Similar Description - MM1065JT |