Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3499 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3499
Description  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3499 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3499 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3499 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3499 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3499 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3499 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3499 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3499
2002-09-04
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
¾
¾
±10
mA
Drain-source breakdown voltage
V (BR) GSS
IG = ±10 mA, VDS = 0 V
±30
¾
¾
V
Drain cut-OFF current
IDSS
VDS = 400 V, VGS = 0 V
¾
¾
100
mA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
400
¾
¾
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
¾
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 5.0 A
¾
4.0
0.55
W
Forward transfer admittance
ïYfsï
VDS = 10 V, ID = 5.0 A
4.0
0.8
¾
S
Input capacitance
Ciss
¾
1340
¾
Reverse transfer capacitance
Crss
¾
160
¾
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
¾
490
¾
pF
Rise time
tr
¾
22
¾
Turn-ON time
ton
¾
60
¾
Fall time
tf
¾
32
¾
Switching time
Turn-OFF time
toff
¾
140
¾
ns
Total gate charge
(gate-source plus gate-drain)
Qg
¾
34
¾
Gate-source charge
Qgs
¾
18
¾
Gate-drain (“miller”) charge
Qgd
VDD ~- 320 V, VGS = 10 V, ID = 10 A
¾
16
¾
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
¾
¾
¾
10
A
Pulse drain reverse current
(Note 1)
IDRP
¾
¾
¾
40
A
Forward voltage (diode)
VDSF
IDR = 10 A, VGS = 0 V
¾
¾
-1.7
V
Reverse recovery time
trr
¾
350
¾
ms
Reverse recovery charge
Qrr
IDR = 10 A, VGS = 0 V,
dIDR/dt = 100 A/ms
¾
3.6
¾
mC
Marking
Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)
Type
K3499
Duty <= 1%, tw = 10 ms
0 V
10 V
VGS
RL = 40 W
VDD ~- 200 V
ID = 5 A
VOUT


Similar Part No. - 2SK3499

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3499 TOSHIBA-2SK3499 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
More results

Similar Description - 2SK3499

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_10 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com