Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SY169 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EE-SY169
Description  Phototransistor Output with Convergent Lens for Precise Sensing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EE-SY169 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EE-SY169 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 5Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 6Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EE-SY169/169A
EE-SY169/169A
 CHARACTERISTICS (TA =25°C(77°F))
Item
Symbol
EE-SY169
EE-SY169A
y
Value
Condition
Value
Condition
Emitter
Forward voltage
VF
2.3 V max.
IF =20mA
1.5 V max.
IF =30mA
Reverse current
IR
10
µAmax.
VR =3V
10
µAmax.
VR =4V
Peak emission wavelength
λp(L)
660 nm typ.
IF =20mA
920 nm typ.
IF =20mA
Receiver
Dark current
ID
200 nA max.
VCE =5V, 0x
200 nA max.
VCE =5V, 0x
Peak spectral sensitivity
wavelength
λp(P)
850 nm typ.
VCE =5V
850 nm typ.
VCE =5V
Combination
Light current
IL
160 to 2,000
µA
IF =20mA*
VCE =5V
160 to 2,000
µA IF =20mA*
VCE =10V
Leakage current
ILEAK
2
µAmax.
IF =20mA**
VCE =5V
2
µAmax.
IF =20mA**
VCE =10V
Rising time***
tr
30
µstyp.
VCC =5V
RL = 1 kΩ
30
µstyp.
VCC =5V
RL = 1 kΩ
Falling time***
tf
30
µstyp.
RL =1kΩ
IL =1mA
30
µstyp.
RL =1kΩ
IL =1mA
*The sensing object is white paper with a reflection factor of 90% at a sensing distance of 4.0 mm.
**The sensing object reflects no light.
***The following illustrations show the rising time, tr, and the falling time, tf.
0
0
Input
t
Output
t
Input
VCC
Output
tr
90%
10%
tf
RL
Sensing object
Engineering Data
Note: The operating conditions of the photomicrosensor must be within the absolute maximum rating ranges.
 TEMPERATURE CHARACTERISTICS
EE-SY169
Ambient temperature TA (°C)
IF
Pc
EE-SY169A
Ambient temperature TA (°C)
IF
Pc


Similar Part No. - EE-SY169

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
   Photomicrosensor (Reflective)
EE-SY169A OMRON-EE-SY169A Datasheet
677Kb / 4P
   Photomicrosensor (Reflective)
More results

Similar Description - EE-SY169

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT11-21C-L41 EVERLIGHT-PT11-21C-L41 Datasheet
220Kb / 10P
   Phototransistor With Inner Lens
PT11-21C-L41-TR8 EVERLIGHT-PT11-21C-L41-TR8 Datasheet
225Kb / 10P
   1206 Package Phototransistor With Inner Lens
PT12-21C EVERLIGHT-PT12-21C Datasheet
221Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21C-TR8 EVERLIGHT-PT12-21C-TR8 Datasheet
227Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT11-21B EVERLIGHT-PT11-21B Datasheet
177Kb / 10P
   1206 Package Phototransistor With Inner Lens
PT12-21B-TR8 EVERLIGHT-PT12-21B-TR8 Datasheet
201Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21B EVERLIGHT-PT12-21B Datasheet
217Kb / 10P
   Chip Phototransistor With Right Angle Lens
logo
Vishay Siliconix
TCDT1100 VISHAY-TCDT1100 Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
4N25V VISHAY-4N25V Datasheet
147Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
logo
TEMIC Semiconductors
CNY18 TEMIC-CNY18 Datasheet
59Kb / 5P
   Optocoupler with Phototransistor Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com