Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SY169 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EE-SY169
Description  Phototransistor Output with Convergent Lens for Precise Sensing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EE-SY169 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EE-SY169 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 5Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 6Page - List of Unclassifed Manufacturers EE-SY169 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EE-SY169/169A
EE-SY169/169A
 LIGHT CURRENT TEMPERATURE DEPENDENCY (TYPICAL)
EE-SY169
Sensing distance L = 4.0 mm (paper
with a reflection factor of 90%)
IF =20 mA
VCE =5 V
Ambient temperature TA (°C)
EE-SY169A
Sensing distance L = 4.0 mm (paper with a
reflection factor of 90%)
IF =20 mA
VCE =5 V
Ambient temperature TA (°C)
 SENSING POSITION CHARACTERISTICS (TYPICAL)
EE-SY169
TA =25 °C
IF =20 mA
VCE =5 V
Sensing object: White paper
with a reflection factor of 90%
Distance d2 (mm)
3.5 mm
4.0 mm
4.5 mm
EE-SY169A
TA =25 °C
IF =20 mA
VCE =5 V
Sensing object: White paper
with a reflection factor of 90%
Distance d2 (mm)
3.5 mm
4.0 mm
4.5 mm


Similar Part No. - EE-SY169

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
   Photomicrosensor (Reflective)
EE-SY169A OMRON-EE-SY169A Datasheet
677Kb / 4P
   Photomicrosensor (Reflective)
More results

Similar Description - EE-SY169

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT11-21C-L41 EVERLIGHT-PT11-21C-L41 Datasheet
220Kb / 10P
   Phototransistor With Inner Lens
PT11-21C-L41-TR8 EVERLIGHT-PT11-21C-L41-TR8 Datasheet
225Kb / 10P
   1206 Package Phototransistor With Inner Lens
PT12-21C EVERLIGHT-PT12-21C Datasheet
221Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21C-TR8 EVERLIGHT-PT12-21C-TR8 Datasheet
227Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT11-21B EVERLIGHT-PT11-21B Datasheet
177Kb / 10P
   1206 Package Phototransistor With Inner Lens
PT12-21B-TR8 EVERLIGHT-PT12-21B-TR8 Datasheet
201Kb / 10P
   Chip Phototransistor With Right Angle Lens
PT12-21B EVERLIGHT-PT12-21B Datasheet
217Kb / 10P
   Chip Phototransistor With Right Angle Lens
logo
Vishay Siliconix
TCDT1100 VISHAY-TCDT1100 Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
4N25V VISHAY-4N25V Datasheet
147Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
logo
TEMIC Semiconductors
CNY18 TEMIC-CNY18 Datasheet
59Kb / 5P
   Optocoupler with Phototransistor Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com