Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM446P Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM446P
Description  50 HZ GENERATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM446P Datasheet(HTML) 1 Page - ELM Electronics

  ELM446P Datasheet HTML 1Page - ELM Electronics ELM446P Datasheet HTML 2Page - ELM Electronics ELM446P Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELM446
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
50Hz Generator
The ELM446 is an 8 pin digital divider integrated
circuit, that provides both 50Hz and 1Hz outputs
from a common 3.58MHz NTSC colourburst crystal.
Externally, the designer need only provide the
crystal and two appropriate loading capacitors, as
well as a suitably bypassed power supply. Internal
oscillator circuits then use this reference frequency
to precisely derive a stable 50Hz signal. For
convenience, a complementary 50Hz signal is also
provided. This signal is then further divided to
provide a 1Hz signal output.
A reset input is provided to restart the internal
counters, if desired. An active low signal on this pin
will also force all of the outputs to an open or tristate
condition.
XT1
XT2
Description
• Stable 50Hz reference
• Master oscillator for clock / timekeeping functions
• Decimal based time reference for easier period
calculations
Applications
Block Diagram
1 of 3
• Low power CMOS design
• Wide supply range - 3.0 to 5.5 volt operation
• 3.58MHz crystal controlled operation
• Generates both 50Hz and 1Hz references
• Low parts count
• Complementary 50Hz outputs
• High current drive outputs - up to 25 mA
Features
ELM446DSB
1Hz
50Hz
reset
50Hz
2
3
XT1
XT2
5
50Hz
50Hz
Master
Oscillator
Divider
÷ 50
7
6
4
VDD
reset
1Hz


Similar Part No. - ELM446P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM440 ELM-ELM440 Datasheet
31Kb / 4P
   60Hz Generator
logo
Everlight Electronics C...
ELM440A EVERLIGHT-ELM440A Datasheet
696Kb / 10P
   4PIN MINI FLAT PACKAGE SOLID STATE RELAY
logo
ELM Electronics
ELM440P ELM-ELM440P Datasheet
31Kb / 4P
   60Hz Generator
ELM440SM ELM-ELM440SM Datasheet
31Kb / 4P
   60Hz Generator
More results

Similar Description - ELM446P

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4198V DIALOG-SLG7NT4198V Datasheet
177Kb / 9P
   1 Hz Interrupt Generator
SLG7NT4505 DIALOG-SLG7NT4505 Datasheet
354Kb / 10P
   1 Hz Interrupt Generator
logo
Renesas Technology Corp
SLG7NT4505V RENESAS-SLG7NT4505V Datasheet
288Kb / 10P
   1 Hz Interrupt Generator
February 25, 2022
logo
Dialog Semiconductor
SLG7NT128V DIALOG-SLG7NT128V Datasheet
400Kb / 10P
   1 Hz Interrupt Generator
logo
KR Electronics, Inc.
3164 KR-3164 Datasheet
49Kb / 2P
   50 Hz Lowpass
logo
Mallory Sonalert Produc...
PMO-4015SN-42UQ MSPI-PMO-4015SN-42UQ Datasheet
102Kb / 1P
   Frequency 50 - 12000 Hz
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
   50/60 Hz Current Sensor
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
   50/60 Hz Power Transformers
logo
ELM Electronics
ELM382 ELM-ELM382 Datasheet
34Kb / 4P
   50 Hz Long Interval Counter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com