Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD800R33KF2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD800R33KF2
Description  IGBT-Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FD800R33KF2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD800R33KF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FD800R33KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
FD 800 R 33 KF2
Datenblatt
data sheet
Höchstzulässige Werte / Maximum rated values
Elektrische Eigenschaften / Electrical properties
Kollektor-Emitter-Sperrspannung
Tj = 25°C
VCES
3300
V
collector-emitter voltage
Tj = -25°C
3300
V
Kollektor-Dauergleichstrom
TC = 80°C
IC,nom.
800
A
DC-collector current
TC = 25 °C
IC
1300
A
Periodischer Kollektor Spitzenstrom
repetitive peak collector current
tP = 1 ms, TC = 80°C
ICRM
1600
A
Gesamt-Verlustleistung
total power dissipation
TC=25°C, Transistor
Ptot
9,6
kW
Gate-Emitter-Spitzenspannung
gate-emitter peak voltage
VGES
+/- 20V
V
Dauergleichstrom
DC forward current
IF
800
A
Periodischer Spitzenstrom
repetitive peak forw. Current
tP = 1 ms
IFRM
1600
A
Grenzlastintegral der Diode
I2t - value, Diode
VR = 0V, tp = 10ms, TVj = 125°C
I
2tA2s
Spitzenverlustleistung der Diode
maximum power dissipation diode
Tj = 125°C
PRQM
800
kW
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 min.
VISOL
6.000
V
Teilentladungs-Aussetzspannung
partial discharge extinction voltage
RMS, f = 50 Hz, QPD ≤ 10 pC (acc. to IEC 1287)
VISOL
2.600
V
Charakteristische Werte / Characteristic values
Transistor / Transistor
min.
typ.
max.
Kollektor-Emitter Sättigungsspannung
IC = 800 A, VGE = 15V, Tvj = 25°C
VCE sat
-
3,40
4,25
V
collector-emitter saturation voltage
IC = 800 A, VGE = 15V, Tvj = 125°C
-
4,30
5,00
V
Gate-Schwellenspannung
gate threshold voltage
IC = 80 mA, VCE = VGE, Tvj = 25°C
VGE(th)
4,2
5,1
6,0
V
Eingangskapazität
input capacitance
f = 1MHz,Tvj = 25°C,VCE = 25V, VGE = 0V
Cies
-
100
-
nF
Rückwirkungskapazität
reverse transfer capacitance
f = 1MHz,Tvj = 25°C,VCE = 25V, VGE = 0V
Cres
-
5,4
-
nF
Gateladung
gate charge
VGE = -15V ... + 15V, VCE = 1800V
QG
-15
-
µC
Kollektor-Emitter Reststrom
VCE = 3300V, VGE = 0V, Tvj = 25°C
ICES
-
0,1
8
mA
collector-emitter cut-off current
VCE = 3300V, VGE = 0V, Tvj = 125°C
-
40
100
mA
Gate-Emitter Reststrom
gate-emitter leakage current
VCE = 0V, VGE = 20V, Tvj = 25°C
IGES
-
-
400
nA
prepared by: Jürgen Göttert
date of publication : 08.06.99
approved by: Chr. Lübke; 20.07.99
revision: 2
222.200
1 (9)
Datenblatt FD 800 R 33 KF21
20.07.99


Similar Part No. - FD800R33KF2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD800R33KF2C INFINEON-FD800R33KF2C Datasheet
583Kb / 11P
   IGBT, Brake-Chopper Maximum Rated Values
revision: 2.2 2013-11-25
logo
Power Integrations, Inc...
FD800R33KF2C POWERINT-FD800R33KF2C Datasheet
220Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
eupec GmbH
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
   Technische Information / technical information
logo
Infineon Technologies A...
FD800R33KF2C-K INFINEON-FD800R33KF2C-K Datasheet
536Kb / 12P
   IHM-A module
2010-02-22 revision:2.2
More results

Similar Description - FD800R33KF2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com