Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIC03272 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FIC03272
Description  Microprocessor for handling signals from the TGS4161 carbon dioxide sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FIC03272 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FIC03272 Datasheet HTML 2Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 3Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 4Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 5Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 6Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 7Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 8Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 9Page - List of Unclassifed Manufacturers FIC03272 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Revised 06/04
6
TECHNICAL INFORMATION FOR FIC03272
concentration readings. The pulse width against a
cycle corresponds to the CO2 concentration as shown
in Figure 2. This pulse width is then converted to an
analog output voltage between 0 ~ 3V by the circuit
(please refer to Sec. 5-4 - CO2 concentration circuit).
4-6-2 Damper control signal output (Pin No. 16)
The output from port R60 is set to “H” under normal
conditions in a clean environment, indicating that the
damper should be closed. When a CO2 reading
exceeds the preset level of the Open Damper
Threshold (Cd1) as shown in Table 2, an “L” signal is
output from port R60 as a signal for opening the
damper. When CO2 drops below the preset level of
the Close Damper Threshold (Cd2), the output from
port R60 returns to an “H” signal for closing a
damper. “H” is also output from port R60 during
initial warm-up time and whenever a malfunction
signal is output.
4-7 LED display signal output (Pin Nos. 18 & 19)
The following LED display signals are output from
port R62 (red LED) and port R63 (green LED):
4-7-1 Initial warm-up time
During the initial warm-up period (see Sec. 4-1-1),
an alternating H/L signal is output from port R63
every 0.5 seconds, causing the green LED to alternate
between on and off every 0.5 seconds. “L” is output
continuously from R62 during this period.
4-7-2 Normal operation mode
When the CO2 concentration is lower than the preset
threshold level for the damper control (Cd1), “L” is
output from port R62 and “H” is output from the
R63, causing the green LED to be lit continuously.
Conversely, if the CO2 concentration is higher than
the preset threshold level for the damper control
(Cd1), “H” is output from port R62 and “L” is output
from port R63, causing the red LED to be lit
continuously.
4-7-3 Malfunction mode
When a malfunction has been detected (see Sec. 4-8),
an alternating H/L signal is output from port R62
every 0.5 seconds, causing the red LED to alternate
between on and off every 0.5 seconds. “L” is output
continuously from R63 during this period.
4-8 Malfunction signal output (Pin No. 17)
An “H” signal is output from port R61 under normal
operation conditions. When a malfunction is detected on
the benchmark level Vg, an “L” signal is output from port
R61. The following condition would generate a
malfunction signal:
Benchmark level Vg malfunction—when the
benchmark level Vg (gas sensor’s signal) cannot
be adjusted in the range between 25 and 51 counts
at AD converted value within 10 minutes after
the adjustment is started, a malfunction is
considered to have occurred.
The relationship between signal output ports and
their output signals under malfunction mode can be
seen in Table 6.
Because a thermistor is not built into the TGS4161, a
heater breakage detection circuit cannot be used in
conunction with TGS4161.
4-9 Benchmark renewal status signal output (Pin No. 26)
When the benchmark level has been renewed, an “L”
signal is output from port R92 for one second to
indicate the status. An “H” signal is normally output
from this port.
H
L
AB
C
Approx. 65 msec.
A: [(CO2 concentration) / 3000] x C
B: C - [(CO2 concentration) / 3000] x C
C: approx. 65msec.
Figure 2 - PWM signal for CO2 concentration
l
a
n
i
m
r
e
T
l
a
n
g
i
S
n
o
i
t
a
c
i
d
n
I
O
C 2
n
o
i
t
a
r
t
n
e
c
n
o
c
)
1
9
R
(
l
a
n
g
i
s
l
a
n
g
i
s
L
“m
p
p
0
l
o
r
t
n
o
c
r
e
p
m
a
D
)
0
6
R
(
l
a
n
g
i
s
l
a
n
g
i
s
H
“e
s
o
l
C
)
2
6
R
(
D
E
L
d
e
R
l
a
n
g
i
s
L
/
H
e
t
a
n
r
e
t
l
A
)
.
c
e
s
5
.
0
/
.
c
e
s
5
.
0
(
f
f
O
/
n
O
)
3
6
R
(
D
E
L
n
e
e
r
Gl
a
n
g
i
s
L
“f
f
O
)
0
9
R
(
l
a
n
g
i
s
s
a
i
Bl
e
v
e
l
e
h
t
d
l
o
Hf
f
O
Table 6 - Malfunction signal


Similar Part No. - FIC03272

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIC001GSC1T AXIOMTEK-FIC001GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC002GSC1T AXIOMTEK-FIC002GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC004GSC1T AXIOMTEK-FIC004GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC008GSC1T AXIOMTEK-FIC008GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
FIC016GSC1T AXIOMTEK-FIC016GSC1T Datasheet
380Kb / 1P
   CompactFlash specification standard
More results

Similar Description - FIC03272

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
TGS4161 FIGARO-TGS4161 Datasheet
235Kb / 2P
   for the detection of Carbon Dioxide
logo
Greystone Energy System...
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
   DUCT CARBON DIOXIDE TRANSMITTER
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
   DUCT CARBON DIOXIDE TRANSMITTER
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
   ROOM CARBON DIOXIDE DETECTOR
CD2RMC GREYSTONE-CD2RMC Datasheet
268Kb / 2P
   ROOM CARBON DIOXIDE DETECTOR
CD2OS GREYSTONE-CD2OS Datasheet
306Kb / 2P
   OUTSIDE CARBON DIOXIDE TRANSMITTER
CDDT GREYSTONE-CDDT Datasheet
314Kb / 2P
   DUCT CARBON DIOXIDE TRANSMITTER
logo
Vaisala
GMP251 VAISALA-GMP251 Datasheet
229Kb / 3P
   GMP251 Carbon Dioxide Probe
GMP252 VAISALA-GMP252 Datasheet
279Kb / 3P
   GMP252 Carbon Dioxide Probe
GMP343 VAISALA-GMP343 Datasheet
209Kb / 3P
   GMP343 Carbon Dioxide Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com