Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G20N120 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # G20N120
Description  63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

G20N120 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  G20N120 Datasheet HTML 1Page - Fairchild Semiconductor G20N120 Datasheet HTML 2Page - Fairchild Semiconductor G20N120 Datasheet HTML 3Page - Fairchild Semiconductor G20N120 Datasheet HTML 4Page - Fairchild Semiconductor G20N120 Datasheet HTML 5Page - Fairchild Semiconductor G20N120 Datasheet HTML 6Page - Fairchild Semiconductor G20N120 Datasheet HTML 7Page - Fairchild Semiconductor G20N120 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG20N120CND Rev. B
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 17. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
FIGURE 18. DIODE FORWARD CURRENT vs FORWARD
VOLTAGE DROP
FIGURE 19. RECOVERY TIMES vs FORWARD CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
CRES
0
5
10
15
20
25
0
1
CIES
COES
2
4
5
6
FREQUENCY = 1MHz
3
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
25
01
0
24
5
30
DUTY CYCLE < 0.5%, TC = 110
oC
PULSE DURATION = 250
µs
20
10
15
3
VGE = 15V OR 12V
VGE = 10V
t1
t2
PD
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
10-4
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
0.01
VF, FORWARD VOLTAGE (V)
100
1
10
01
2
3
4
5
150oC
25oC
IF , FORWARD CURRENT (A)
10
20
70
20
1
30
60
10
40
5
trr
ta
50
tb
2
TC = 25
oC, dI
EC/dt = 200A/µs
HGTG20N120CND


Similar Part No. - G20N120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
G20N120 INTERSIL-G20N120 Datasheet
97Kb / 8P
   45A, 1200V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1998
G20N120 INTERSIL-G20N120 Datasheet
83Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT
January 2000
G20N120 INTERSIL-G20N120 Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
G20N120 INTERSIL-G20N120 Datasheet
167Kb / 5P
   34A, 1200V N-Channel IGBT
April 1995
More results

Similar Description - G20N120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com