Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC3506A Datasheet(PDF) 1 Page - International Rectifier

Part # GBPC3506A
Description  SINGLE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC3506A Datasheet(HTML) 1 Page - International Rectifier

  GBPC3506A Datasheet HTML 1Page - International Rectifier GBPC3506A Datasheet HTML 2Page - International Rectifier GBPC3506A Datasheet HTML 3Page - International Rectifier GBPC3506A Datasheet HTML 4Page - International Rectifier GBPC3506A Datasheet HTML 5Page - International Rectifier GBPC3506A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SINGLE PHASE BRIDGE
Power Modules
25 A
35 A
GBPC.. Series
1
Bulletin I27505 rev. F 03/03
www.irf.com
Features
Universal, 3 way terminals:
push-on, wrap around or solder
High thermal conductivity package,
electrically insulated case
Polarity symbols are moulded on
body of the plastic box
Center hole fixing
Glass passivated diode chips
Excellent power/ volume ratio
Nickel plated terminals suitable for High Temperature
soldering at 250 - 260°C
max. time 8 - 10 seconds
Wire lead version available
UL E 62320 approved
Description
A range of extremely compact, encapsulated
single phase bridge rectifiers offering efficient and
reliable operation. They are intended for use in
general purpose and instrumentation applica-
tions.
Parameters
GBPC25
GBPC35
Units
Major Ratings and Characteristics
I
O
25
35
A
@ T
C
60
55
oC
I
FSM
@ 50Hz
400
475
A
@ 60Hz
420
500
A
I2t
@ 50Hz
790
1130
A2s
@ 60Hz
725
1030
A2s
VRRM range
200 to 1200
V
T
J
-55 to 150
oC
GBPC...A
GBPC...W


Similar Part No. - GBPC3506A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC3506A ETC2-GBPC3506A Datasheet
152Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Inchange Semiconductor ...
GBPC3506A ISC-GBPC3506A Datasheet
383Kb / 3P
   Single Phase Bridge
More results

Similar Description - GBPC3506A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB140 IRF-26MB140 Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
logo
Microsemi Corporation
MT200 MICROSEMI-MT200 Datasheet
73Kb / 2P
   SINGLE PHASE BRIDGE MODULES
EH60 MICROSEMI-EH60 Datasheet
80Kb / 2P
   SINGLE PHASE BRIDGE MODULES
logo
Sirectifier Semiconduct...
S1PDB174 SIRECTIFIER-S1PDB174 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72NXX SIRECTIFIER-S1PDB72NXX Datasheet
96Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52 SIRECTIFIER-S1PDB52 Datasheet
64Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72 SIRECTIFIER-S1PDB72 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60NXX SIRECTIFIER-S1PDB60NXX Datasheet
83Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB174NXX SIRECTIFIER-S1PDB174NXX Datasheet
87Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com