Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC2508A Datasheet(PDF) 4 Page - International Rectifier

Part # GBPC2508A
Description  SINGLE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC2508A Datasheet(HTML) 4 Page - International Rectifier

  GBPC2508A Datasheet HTML 1Page - International Rectifier GBPC2508A Datasheet HTML 2Page - International Rectifier GBPC2508A Datasheet HTML 3Page - International Rectifier GBPC2508A Datasheet HTML 4Page - International Rectifier GBPC2508A Datasheet HTML 5Page - International Rectifier GBPC2508A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GBPC.. Series
4
Bulletin I27505 rev. F 03/03
www.irf.com
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
50
60
70
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
180˚
(Sine)
180˚
(Rect)
GBPC25.. Series
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature °C
Number of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
50
100
150
200
250
300
350
400
0.01
0.1
1
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
RRM
J
GBPC25.. Series
100
150
200
250
300
350
400
1
10
100
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
GBPC25.. Series
25
50
75
100
3 K/W
1 K/W
R
= 0.7
K/W
- Delta
R
thSA
2 K/W
0
10
20
30
40
50
0
5
10
15
20
25
180˚
(Sine)
180˚
(Rect)
GBPC25.. Series
T
= 150˚C
J
1
10
100
1000
0.5
1
1.5
2
2.5
T = 25˚C
J
T = 150˚C
J
GBPC25.. Series


Similar Part No. - GBPC2508A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2508 PANJIT-GBPC2508 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
EIC discrete Semiconduc...
GBPC2508 EIC-GBPC2508 Datasheet
100Kb / 2P
   GLASS PASSIVATED SINGLE
logo
New Jersey Semi-Conduct...
GBPC2508 NJSEMI-GBPC2508 Datasheet
163Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Surge Components
GBPC2508 SURGE-GBPC2508 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBPC2508 MCC-GBPC2508 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBPC2508A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB140 IRF-26MB140 Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
logo
Microsemi Corporation
MT200 MICROSEMI-MT200 Datasheet
73Kb / 2P
   SINGLE PHASE BRIDGE MODULES
EH60 MICROSEMI-EH60 Datasheet
80Kb / 2P
   SINGLE PHASE BRIDGE MODULES
logo
Sirectifier Semiconduct...
S1PDB174 SIRECTIFIER-S1PDB174 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72NXX SIRECTIFIER-S1PDB72NXX Datasheet
96Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB52 SIRECTIFIER-S1PDB52 Datasheet
64Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB72 SIRECTIFIER-S1PDB72 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB60NXX SIRECTIFIER-S1PDB60NXX Datasheet
83Kb / 2P
   Single Phase Bridge Rectifiers Modules
S1PDB174NXX SIRECTIFIER-S1PDB174NXX Datasheet
87Kb / 2P
   Single Phase Bridge Rectifiers Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com